Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373C8 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32F373C8
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373C8 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32F373C8 Datasheet HTML 129Page - STMicroelectronics STM32F373C8 Datasheet HTML 130Page - STMicroelectronics STM32F373C8 Datasheet HTML 131Page - STMicroelectronics STM32F373C8 Datasheet HTML 132Page - STMicroelectronics STM32F373C8 Datasheet HTML 133Page - STMicroelectronics STM32F373C8 Datasheet HTML 134Page - STMicroelectronics STM32F373C8 Datasheet HTML 135Page - STMicroelectronics STM32F373C8 Datasheet HTML 136Page - STMicroelectronics STM32F373C8 Datasheet HTML 137Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 135 / 137 page
background image
DocID022691 Rev 7
135/137
STM32F373xx
Revision history
136
18-Mar-2014
5
Renamed part number STM32F37x to STM32F373xx
Added note1 in Table 28: Typical and maximum current
consumption from VDD supply at VDD = 3.6 V
Updated Chapter 3.14: Digital-to-analog converter (DAC)
Updated, added note 2 and 3 in Table 57: I2C analog filter
characteristics
Renamed tSP symbol with tAF.
Added note for EG Symbol in Table 74: SDADC
characteristics
Added all packages top view
21-Jul-2015
6
Updated Section 7
Updated Section 3.13
Updated Section 3.7.1, Section 3.7.4
Updated Table 11: STM32F373xx pin definitions, Table 19:
Voltage characteristics, Table 49: ESD absolute maximum
ratings, Table 74: SDADC characteristics, Table 76:
UFBGA100 - 100-pin, 7 x 7 mm, 0.50 mm pitch, ultra fine
pitch ball grid array package mechanical data, and Table 78:
LQPF100 - 100-pin, 14 x 14 mm low-profile quad flat package
mechanical data
Updated Figure 2: STM32F373xx LQFP48 pinout, Figure 9:
Power supply scheme, Figure 32: UFBGA100 - 100-pin, 7 x
7 mm, 0.50 mm pitch, ultra fine pitch ball grid array package
outline, Figure 34: UFBGA100 marking example (package top
view), Figure 36: LQFP100 - 100-pin, 14 x 14 mm low-profile
quad flat recommended footprint, Figure 37: LQFP100
marking example (package top view), Figure 38: LQFP64 -
64-pin, 10 x 10 mm low-profile quad flat package outline,
Figure 39: LQFP64 - 64-pin, 10 x 10 mm low-profile quad flat
package recommended footprint, Figure 40: LQFP64 marking
example (package top view), Figure 42: LQFP48 - 48-pin, 7 x
7 mm low-profile quad flat package recommended footprint,
Figure 43: LQFP48 marking example (package top view).
Added Table 32: Typical and maximum current consumption
from VBAT supply, Table 49: ESD absolute maximum ratings,
Table 64: Comparator characteristics, Table 77: UFBGA100
recommended PCB design rules (0.5 mm pitch BGA).
Added Figure 11: Typical VBAT current consumption (LSE
and RTC ON/LSEDRV[1:0]='00'), Figure 30: Maximum
VREFINT scaler startup time from power down, Figure 33:
UFBGA100 - 100-pin, 7 x 7 mm, 0.50 mm pitch, ultra fine
pitch ball grid array package recommended footprint.
Table 83. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com