Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373RB Datasheet(PDF) 134 Page - STMicroelectronics

Part # STM32F373RB
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373RB Datasheet(HTML) 134 Page - STMicroelectronics

Back Button STM32F373RB Datasheet HTML 129Page - STMicroelectronics STM32F373RB Datasheet HTML 130Page - STMicroelectronics STM32F373RB Datasheet HTML 131Page - STMicroelectronics STM32F373RB Datasheet HTML 132Page - STMicroelectronics STM32F373RB Datasheet HTML 133Page - STMicroelectronics STM32F373RB Datasheet HTML 134Page - STMicroelectronics STM32F373RB Datasheet HTML 135Page - STMicroelectronics STM32F373RB Datasheet HTML 136Page - STMicroelectronics STM32F373RB Datasheet HTML 137Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 134 / 137 page
background image
Revision history
STM32F373xx
134/137
DocID022691 Rev 7
19-Sep-2013
4
Replaced “Cortex-M4F” with “Cortex-M4” throughout the
document.
Removed part number STM32F372xx.
Added “1.25 DMIPS/MHz (Dhrystone 2.1)” in Features.
Updated Introduction.
Added reference to the STMTouch touch sensing firmware
library in Section 3.16: Touch sensing controller (TSC).
Added “All I2S interfaces can operate in half-duplex mode
only.” in Section 3.21: Serial peripheral interface (SPI)/Inter-
integrated sound interfaces (I2S).
Added row “I2S full-duplex mode” to Table 9: STM32F373xx
SPI/I2S implementation.
Modified introduction of I2C interface characteristics.
Added alternate function RTC_REFIN and removed additional
function RTC_REF_CLK_IN to pins PA1 and PB15.
Replaced alternate function JNTRST with NJTRST for pin
PB4.
In Table 12: Alternate functions for port PA: replaced alternate
function JTMS-SWDIO with SWDIO-JTMS for pin PA13, and
JTCK-SWCLK with SWCLK-JTCK for pin PA14.
Added rows VREF+ and VREFSD+ to Table 22: General
operating conditions.
Replaced "fAPB1 = fAHB/2" with "fAPB1 = fAHB" for “When the
peripherals are enabled...” in Typical current consumption.
Added COMP in Table 36: Peripheral current consumption
Added conditions for fHSE_ext in Table 38: High-speed external
user clock characteristics.
Added Min and Max values for ACCHISI in Table 42: HSI
oscillator characteristics.
Replaced reference "JESD22-C101" with "ANSI/ESD
STM5.3.1" in Table 49: ESD absolute maximum ratings.
Removed pins PB0 and PB1 in description of IINJ in Table 51:
I/O current injection susceptibility.
Updated Table 56: I2C characteristics.
Replaced all occurrences of “gain/2” with “gain*2” in Table 74:
SDADC characteristics.
Corrected typo in Figure 19: I/O AC characteristics definition.
Replaced Figure 21: I2C bus AC waveforms and
measurement circuit..
Added IDDA(ADC) and footnote 1 in Table 60: ADC
characteristics
Table 83. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com