Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F373CC Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32F373CC
Description  ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373CC Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32F373CC Datasheet HTML 109Page - STMicroelectronics STM32F373CC Datasheet HTML 110Page - STMicroelectronics STM32F373CC Datasheet HTML 111Page - STMicroelectronics STM32F373CC Datasheet HTML 112Page - STMicroelectronics STM32F373CC Datasheet HTML 113Page - STMicroelectronics STM32F373CC Datasheet HTML 114Page - STMicroelectronics STM32F373CC Datasheet HTML 115Page - STMicroelectronics STM32F373CC Datasheet HTML 116Page - STMicroelectronics STM32F373CC Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 137 page
background image
DocID022691 Rev 7
113/137
STM32F373xx
Electrical characteristics
114
SINAD(5)
Signal to
noise and
distortion
ratio
fADC =
1.5 MHz
VDDSDx
= 3.3
VREFSD+
= 3.3(3)
76
77
-
dB
ENOB =
SINAD/
6.02 - 0.292
fADC = 6
MHz
VREFSD+
= 1.2(4)
75
76
-
VREFSD+
= 3.3
76
77
-
fADC = 6
MHz
VREFSD+
= 1.2(4)
70
74
-
VREFSD+
= 3.3
79
85
-
fADC =
1.5 MHz
VREFSD+
= 3.3(3)
75
81
-
fADC =
1.5MHz
VREFSD+
= 3.3
72
73
-
fADC =
6MHz
VREFSD+
= 1.2(4)
68
71
-
VREFSD+
= 3.3
72
73
-
fADC =
6MHz
VREFSD+
= 1.2(4)
60
64
-
VREF =
3.3
67
72
-
THD(5)
Total
harmonic
distortion
fADC =
1.5 MHz
VDDSDx
= 3.3
VREFSD+
= 3.3(3)
--77
-76
dB
-
fADC =
6MHz
VREFSD+
= 1.2(4)
--77
-76
VREFSD+
= 3.3
--77
-76
fADC =
6MHz
VREFSD+
= 1.2(4)
--85
-70
VREFSD+
= 3.3
--93
-80
fADC =
1.5 MHz
VREFSD+
= 3.3(3)
--93
-83
fADC =
6MHz
VREFSD+
= 1.2(4)
--72
-68
VREFSD+
= 3.3
--74
-72
fADC =
6MHz
VREFSD+
= 1.2(4)
--66
-61
VREFSD+
= 3.3
--75
-70
Table 74. SDADC characteristics (continued)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com