Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XACB061 Datasheet(PDF) 2 Page - Schneider Electric

Part # XACB061
Description  empty pendant control station XACB - 6 openings 1 in base
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACB061 Datasheet(HTML) 2 Page - Schneider Electric

  XACB061 Datasheet HTML 1Page - Schneider Electric XACB061 Datasheet HTML 2Page - Schneider Electric XACB061 Datasheet HTML 3Page - Schneider Electric XACB061 Datasheet HTML 4Page - Schneider Electric XACB061 Datasheet HTML 5Page - Schneider Electric XACB061 Datasheet HTML 6Page - Schneider Electric XACB061 Datasheet HTML 7Page - Schneider Electric XACB061 Datasheet HTML 8Page - Schneider Electric XACB061 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ordering and shipping details
Category
22473-PUSHBUTTON, PENDANTS
Discount Schedule
CS2
GTIN
3389110640625
Nbr. of units in pkg.
1
Package weight(Lbs)
2.77 lb(US) (1.255 kg)
Returnability
No
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.74 in (9.5 cm)
Package 1 width
3.94 in (10 cm)
Package 1 Length
29.33 in (74.5 cm)
Unit Type of Package 2
S06
Number of Units in Package 2
5
Package 2 Weight
97.84 lb(US) (44.38 kg)
Package 2 Height
28.94 in (73.5 cm)
Package 2 width
23.62 in (60 cm)
Package 2 Length
31.50 in (80 cm)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Nickel compounds, which is known
to the State of California to cause cancer, and Di-isodecyl phthalate (DIDP), which is known to the
State of California to cause birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Contractual warranty
Warranty
18 months
2
Mar 21, 2022


Similar Part No. - XACB061

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACB06 SCHNEIDER-XACB06 Datasheet
155Kb / 6P
empty pendant control station XAC-B - 6 vertical openings
Aug 17, 2019
More results

Similar Description - XACB061

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA04H7 SCHNEIDER-XACA04H7 Datasheet
89Kb / 3P
Harmony, empty pendant control station, yellow, 4 vertical openings
Aug 15, 2019
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XACA12H7 SCHNEIDER-XACA12H7 Datasheet
88Kb / 3P
empty pendant control station XAC-A - 12 openings in 1 column
Aug 10, 2019
XACB06 SCHNEIDER-XACB06 Datasheet
155Kb / 6P
empty pendant control station XAC-B - 6 vertical openings
Aug 17, 2019
XAPA3116 SCHNEIDER-XAPA3116 Datasheet
125Kb / 3P
empty control station - XAP-A - plastic - 16 openings in 4 columns
Feb 25, 2022
XACA0895010 SCHNEIDER-XACA0895010 Datasheet
86Kb / 2P
special pendant control station xac-a - 8 vertical openings
Mar 21, 2022
XACB085 SCHNEIDER-XACB085 Datasheet
150Kb / 9P
empty pendant control station XACB - 8 vertical openings
Mar 21, 2022
XACB121 SCHNEIDER-XACB121 Datasheet
153Kb / 9P
empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
XACB125 SCHNEIDER-XACB125 Datasheet
153Kb / 9P
empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com