Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XACB061 Datasheet(PDF) 1 Page - Schneider Electric

Part # XACB061
Description  empty pendant control station XACB - 6 openings 1 in base
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACB061 Datasheet(HTML) 1 Page - Schneider Electric

  XACB061 Datasheet HTML 1Page - Schneider Electric XACB061 Datasheet HTML 2Page - Schneider Electric XACB061 Datasheet HTML 3Page - Schneider Electric XACB061 Datasheet HTML 4Page - Schneider Electric XACB061 Datasheet HTML 5Page - Schneider Electric XACB061 Datasheet HTML 6Page - Schneider Electric XACB061 Datasheet HTML 7Page - Schneider Electric XACB061 Datasheet HTML 8Page - Schneider Electric XACB061 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product data sheet
Specifications
empty pendant control station XAC-
B - 6 openings + 1 in base
XACB061
Product availability : Stock - Normally stocked in distribution
facility
Price* : 436.00 USD
Main
Range of Product
Harmony XAC
Product or Component Type
Pendant control station
Device short name
XACB
Complementary
Control station type
Double insulated
Enclosure Material
Glass reinforced polyester
Electrical circuit type
Control circuit
Power circuit
Enclosure Type
Empty enclosure
Number of cut-out
6 cut-outs
Control station colour
Yellow
Cable entry
Rubber sleeve with stepped entry 0.39…0.87 in (10…22 mm)
Guard rail
Without
Vertical operator cut-out centre
1.57 in (40 mm)
Standards
CSA C22.2 No 14
EN/IEC 60947-5-1
Product certifications
CSA type 4
Protective treatment
TH
Ambient Air Temperature for
Operation
-13…158 °F (-25…70 °C)
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Vibration resistance
15 gn 10…500 Hz)IEC 60068-2-6
Shock resistance
100 gn IEC 60068-2-27
Overvoltage category
Class II IEC 61140
IP degree of protection
IP65 conforming to IEC 60529
IK degree of protection
IK08 EN 50102
Mechanical durability
1000000 cycles
Net Weight
2.56 lb(US) (1.16 kg)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Mar 21, 2022
1


Similar Part No. - XACB061

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACB06 SCHNEIDER-XACB06 Datasheet
155Kb / 6P
empty pendant control station XAC-B - 6 vertical openings
Aug 17, 2019
More results

Similar Description - XACB061

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACA04H7 SCHNEIDER-XACA04H7 Datasheet
89Kb / 3P
Harmony, empty pendant control station, yellow, 4 vertical openings
Aug 15, 2019
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XACA12H7 SCHNEIDER-XACA12H7 Datasheet
88Kb / 3P
empty pendant control station XAC-A - 12 openings in 1 column
Aug 10, 2019
XACB06 SCHNEIDER-XACB06 Datasheet
155Kb / 6P
empty pendant control station XAC-B - 6 vertical openings
Aug 17, 2019
XAPA3116 SCHNEIDER-XAPA3116 Datasheet
125Kb / 3P
empty control station - XAP-A - plastic - 16 openings in 4 columns
Feb 25, 2022
XACA0895010 SCHNEIDER-XACA0895010 Datasheet
86Kb / 2P
special pendant control station xac-a - 8 vertical openings
Mar 21, 2022
XACB085 SCHNEIDER-XACB085 Datasheet
150Kb / 9P
empty pendant control station XACB - 8 vertical openings
Mar 21, 2022
XACB121 SCHNEIDER-XACB121 Datasheet
153Kb / 9P
empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
XACB125 SCHNEIDER-XACB125 Datasheet
153Kb / 9P
empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com