Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XACB121 Datasheet(PDF) 6 Page - Schneider Electric

Part # XACB121
Description  empty pendant control station XACB - 12 openings in 2 columns
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XACB121 Datasheet(HTML) 6 Page - Schneider Electric

  XACB121 Datasheet HTML 1Page - Schneider Electric XACB121 Datasheet HTML 2Page - Schneider Electric XACB121 Datasheet HTML 3Page - Schneider Electric XACB121 Datasheet HTML 4Page - Schneider Electric XACB121 Datasheet HTML 5Page - Schneider Electric XACB121 Datasheet HTML 6Page - Schneider Electric XACB121 Datasheet HTML 7Page - Schneider Electric XACB121 Datasheet HTML 8Page - Schneider Electric XACB121 Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Product data sheet
Connections and Schema
XACB121
Control of Single-Speed Reversing Motor 2-Phase Switching
With XESD1191 contact block, to be ordered separately
Combined with 3-pole isolating block XACS399 or XACS3991, shown in the unoperated position (pendant station “supplied”), fitted with key release trigger action latching Emergency stop operator.
6
Mar 21, 2022


Similar Part No. - XACB121

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACB12 SCHNEIDER-XACB12 Datasheet
155Kb / 9P
   Harmony XAC, Empty pendant control station, plastic, yellow, 12 cut-outs, for cable 횠 10??2 mm
Mar 21, 2022
XACB125 SCHNEIDER-XACB125 Datasheet
153Kb / 9P
   empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
More results

Similar Description - XACB121

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XACB125 SCHNEIDER-XACB125 Datasheet
153Kb / 9P
   empty pendant control station XACB - 12 openings in 2 columns
Mar 21, 2022
XACB085 SCHNEIDER-XACB085 Datasheet
150Kb / 9P
   empty pendant control station XACB - 8 vertical openings
Mar 21, 2022
XACB061 SCHNEIDER-XACB061 Datasheet
154Kb / 9P
   empty pendant control station XACB - 6 openings 1 in base
Mar 21, 2022
XACA12H7 SCHNEIDER-XACA12H7 Datasheet
88Kb / 3P
   empty pendant control station XAC-A - 12 openings in 1 column
Aug 10, 2019
XACA08H7 SCHNEIDER-XACA08H7 Datasheet
87Kb / 3P
   empty pendant control station XAC-A - 8 vertical openings
Aug 15, 2019
XACA06H7 SCHNEIDER-XACA06H7 Datasheet
89Kb / 3P
   empty pendant control station XAC-A - 6 vertical openings
Aug 17, 2019
XACB06 SCHNEIDER-XACB06 Datasheet
155Kb / 6P
   empty pendant control station XAC-B - 6 vertical openings
Aug 17, 2019
XAPA3116 SCHNEIDER-XAPA3116 Datasheet
125Kb / 3P
   empty control station - XAP-A - plastic - 16 openings in 4 columns
Feb 25, 2022
XACA04H7 SCHNEIDER-XACA04H7 Datasheet
89Kb / 3P
   Harmony, empty pendant control station, yellow, 4 vertical openings
Aug 15, 2019
XACA0895010 SCHNEIDER-XACA0895010 Datasheet
86Kb / 2P
   special pendant control station xac-a - 8 vertical openings
Mar 21, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com