Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-250B Datasheet(PDF) 2 Page - Total Power International

Part # Q-250B
Description  250W Quad Output Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

Q-250B Datasheet(HTML) 2 Page - Total Power International

  Q-250B Datasheet HTML 1Page - Total Power International Q-250B Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(D,F)
TerminalPin.No Assignment
CaseNo.907Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
85
160
90
95
170
100
175
105
185
110
195
115
205
120
215
125
230
245
130
132
260
264
100
90
80
70
60
50
Ta=25
-10
0
10
20
30
40
50
60
(HORIZONTAL)
20
40
60
80
100
PinNo.
PinNo.
PinNo.
1
4
7
3
2
5
8
6
9
Assignment
Assignment
Assignment
DCOUTPUT -V4
DCOUTPUT COM
DCOUTPUT V3
DCOUTPUT COM
DCOUTPUT +V2
DCOUTPUT +V1
FG
AC/N
AC/L
Airf
low
dire
ctio
n
4-2
.6
3-2
.6
29.5
27
.5
84
15
14
0
150
138
6
124
84
20
110
96
7
14
4
8
9.5
1
2
3
4
5
6
7
8
9
+V ADJ
LED
5-2
.6
2-2
.6
84
33
15
0
84
125
28
250WQuadOutputPowerSupply
Q - 2 5 0 series


Similar Part No. - Q-250B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
Q-250B MEANWELL-Q-250B Datasheet
808Kb / 3P
   250W Quad Output Power Supply
More results

Similar Description - Q-250B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
S-250 MEANWELL-S-250_09 Datasheet
341Kb / 2P
   250W Single Output Switching Power Supply
S-250 MEANWELL-S-250 Datasheet
333Kb / 2P
   250W Single Output Switching Power Supply
logo
Total Power Internation...
S-250 TOTAL-POWER-S-250 Datasheet
408Kb / 2P
   250W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240H-C MEANWELL-HLG-240H-C Datasheet
143Kb / 7P
   250W Single Output LED Power Supply
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
MicroPower Direct, LLC
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
   250W Output Power
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
logo
Tumbler Technologies + ...
TIPC250-FXG TRUMPOWER-TIPC250-FXG Datasheet
176Kb / 1P
   250W FlexATX IPC Power Supply
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
   Quad Output DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com