Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6422...ALV Datasheet(PDF) 167 Page - Texas Instruments

Part # AM6422...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6422...ALV Datasheet(HTML) 167 Page - Texas Instruments

Back Button AM6422...ALV Datasheet HTML 163Page - Texas Instruments AM6422...ALV Datasheet HTML 164Page - Texas Instruments AM6422...ALV Datasheet HTML 165Page - Texas Instruments AM6422...ALV Datasheet HTML 166Page - Texas Instruments AM6422...ALV Datasheet HTML 167Page - Texas Instruments AM6422...ALV Datasheet HTML 168Page - Texas Instruments AM6422...ALV Datasheet HTML 169Page - Texas Instruments AM6422...ALV Datasheet HTML 170Page - Texas Instruments AM6422...ALV Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 244 page
background image
Table 7-59. Timing Requirements for I2C HS–Mode (continued)
NO.
PARAMETER
DESCRIPTION
CAPACITANCE
MIN
MAX
UNIT
I4
tw(SCLL)
Pulse duration, SCL low
100 pF Max
160
ns
400 pF Max
320
ns
I5
tw(SCLH)
Pulse duration, SCL high
100 pF Max
60
ns
400 pF Max
120
ns
I6
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
100 pF Max
10
ns
400 pF Max
10
ns
I7
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
100 pF Max
0
70
ns
400 pF Max
0
150
ns
I13
tw(SDAH)
Setup time, SCL high before SDA high (for
STOP condition)
100 pF Max
160
ns
400 pF Max
160 (2)
ns
I14
tr(SDA)
Pulse duration, spike (must be suppressed)
100 pF Max
0
10 (2)
ns
400 pF Max
ns
I15
tskew
Skew
ns
I16
Cb(1)
Capacitive Load for SDA and SCL Lines
100 pF Max
100
pF
400 pF Max
400
pF
(1)
For bus line loads Cb between 100 pF and 400 pF the timing parameters must be linearly interpolated.
(2)
A device must internally provide a Data hold time to bridge the undefined part between VIH and VIL of the falling edge of the SCLH
signal. An input circuit with a threshold as low as possible for the falling edge of the SCLH signal minimizes this hold time.
I10
I8
I4
I3
I7
I12
I5
I6
I14
I2
I3
I13
Stop
Start
Repeated
Start
Stop
I2C[i]_SDA
I2C[i]_SCL
I1
I11
I9
A.
i = 0 to 1 for MCU domain
i = 0 to 3 for MAIN domain
Figure 7-54. I2C Receive Timing
7.10.5.10 MCAN
Table 7-60 and Table 7-61 presents timing conditions and switching characteristics for MCAN.
For more details about features and additional description information on the device Controller Area Network
Interface, see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Note
The device has multiple MCAN modules. MCANn is a generic prefix applied to MCAN signal names,
where n represents the specific MCAN module.
Table 7-60. MCAN Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
167
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com