Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6422...ALV Datasheet(PDF) 201 Page - Texas Instruments

Part # AM6422...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6422...ALV Datasheet(HTML) 201 Page - Texas Instruments

Back Button AM6422...ALV Datasheet HTML 197Page - Texas Instruments AM6422...ALV Datasheet HTML 198Page - Texas Instruments AM6422...ALV Datasheet HTML 199Page - Texas Instruments AM6422...ALV Datasheet HTML 200Page - Texas Instruments AM6422...ALV Datasheet HTML 201Page - Texas Instruments AM6422...ALV Datasheet HTML 202Page - Texas Instruments AM6422...ALV Datasheet HTML 203Page - Texas Instruments AM6422...ALV Datasheet HTML 204Page - Texas Instruments AM6422...ALV Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 244 page
background image
EDIO_DATA_OUT
PRU_EDIO_DATA_OUT_TIMING_00
IEPIO4
Figure 7-102. PRU_ICSSG IEP Digital IOs Timing Requirements
Table 7-121. PRU_ICSSG IEP Timing Requirements – LATCH_INx
see Figure 7-103
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRLA1
tw(EDC_LATCH_INxL)
Pulse duration, EDC_LATCH_INx low
3P(1) + 2
ns
PRLA2
tw(EDC_LATCH_INxH)
Pulse duration, EDC_LATCH_INx high
3P(1) + 2
ns
(1)
P = PRU_ICSSG IEP clock source period in ns.
EDC_LATCH_INx
PRLA2
PRU_IEP_TIMING_02
PRLA1
Figure 7-103. PRU_ICSSG IEP LATCH_INx Timing Requirements
7.10.5.16.4 PRU_ICSSG Universal Asynchronous Receiver Transmitter (UART)
Table 7-122. PRU_ICSSG UART Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.01
0.33
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
30
pF
7.10.5.16.4.1 PRU_ICSSG UART Timing
Table 7-123. PRU_ICSSG UART Timing Requirements
see Figure 7-104
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
PRUR1H
tw(RXH)
Pulse duration, receive start, stop, data bit high
0.95U(1)
1.05U(1)
ns
PRUR1L
tw(RXL)
Pulse duration, receive start, stop, data bit low
0.95U(1)
1.05U(1)
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
Table 7-124. PRU_ICSSG UART Switching Characteristics
see Figure 7-104
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
f(baud)
Programmed baud rate
12
Mbps
PRUR3H
tw(TXH)
Pulse duration, transmit start, stop, data bit high
U(1) - 2
U(1) + 2
ns
PRUR3L
tw(TXL)
Pulse duration, transmit start, stop, data bit low
U(1) - 2
U(1) + 2
ns
(1)
U = UART baud time in ns = 1/programmed baud rate.
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
201
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com