Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVR Datasheet(PDF) 251 Page - Microchip Technology

Part # DVR
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR Datasheet(HTML) 251 Page - Microchip Technology

Back Button DVR Datasheet HTML 247Page - Microchip Technology DVR Datasheet HTML 248Page - Microchip Technology DVR Datasheet HTML 249Page - Microchip Technology DVR Datasheet HTML 250Page - Microchip Technology DVR Datasheet HTML 251Page - Microchip Technology DVR Datasheet HTML 252Page - Microchip Technology DVR Datasheet HTML 253Page - Microchip Technology DVR Datasheet HTML 254Page - Microchip Technology DVR Datasheet HTML 255Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 251
PIC24FJ256GA705 FAMILY
21.0 REAL-TIME CLOCK AND
CALENDAR (RTCC) WITH
TIMESTAMP
The RTCC provides the user with a Real-Time Clock
and Calendar (RTCC) function that can be calibrated.
Key features of the RTCC module are:
• Selectable Clock Source
• Provides Hours, Minutes and Seconds Using
24-Hour Format
• Visibility of One Half Second Period
• Provides Calendar – Weekday, Date, Month
and Year
• Alarm-Configurable for Half a Second, 1 Second,
10 Seconds, 1 Minute, 10 Minutes, 1 Hour, 1 Day,
1 Week, 1 Month or 1 Year
• Alarm Repeat with Decrementing Counter
• Alarm with Indefinite Repeat Chime
• Year 2000 to 2099 Leap Year Correction
• BCD Format for Smaller Software Overhead
• Optimized for Long-Term Battery Operation
• User Calibration of the 32.768 kHz Clock
Crystal/32 kHz INTRC Frequency with Periodic
Auto-Adjust
• Fractional Second Synchronization
• Calibration to within ±2.64 Seconds Error
per Month
• Calibrates up to 260 ppm of Crystal Error
• Ability to Periodically Wake-up External Devices
without CPU Intervention (external power control)
• Power Control Output for External Circuit Control
• Calibration takes Effect Every 15 Seconds
• Timestamp Capture register for Time and Date
• Programmable Prescaler and Clock Divider
Circuit allows Operation with Any Clock Source
up to 32 MHz, Including 32.768 kHz Crystal,
50/60 Hz Powerline Clock, External Real-Time
Clock (RTC) or 31.25 kHz LPRC Clock
21.1
RTCC Source Clock
The RTCC clock divider block converts the incoming
oscillator source into accurate 1/2 and 1 second clocks
for the RTCC. The clock divider is optimized to work
with three different oscillator sources:
• 32.768 kHz crystal oscillator
• 31 kHz Low-Power RC Oscillator (LPRC)
• External 50 Hz or 60 Hz powerline frequency
An asynchronous prescaler, PS<1:0> (RTCCON2L<5:4>),
is provided that allows the RTCC to work with higher
speed clock sources, such as the system clock. Divide
ratios of 1:16, 1:64 or 1:256 may be selected, allowing
sources up to 32 MHz to clock the RTCC.
21.1.1
COARSE FREQUENCY DIVISION
The clock divider block has a 16-bit counter used to
divide the input clock frequency. The divide ratio is set
by the DIV<15:0> register bits (RTCCON2H<15:0>).
The DIV<15:0> bits should be programmed with a
value to produce a nominal 1/2 second clock divider
count period.
21.1.2
FINE FREQUENCY DIVISION
The fine frequency division is set using the FDIV<4:0>
(RTCCON2L<15:11>) bits. Increasing the FDIVx value
will lengthen the overall clock divider period.
If FDIV<4:0> = 00000, the fine frequency division circuit
is effectively disabled. Otherwise, it will optionally
remove a clock pulse from the input of the clock divider
every 1/2 second. This functionality will allow the user to
remove up to 31 pulses over a fixed period of
16 seconds, depending on the value of FDIVx.
The value for DIV<15:0> is calculated as shown in
Equation 21-1. The fractional remainder of the
DIV<15:0> calculation result can be used to calculate
the value for FDIV<4:0>.
EQUATION 21-1:
RTCC CLOCK DIVIDER
OUTPUT FREQUENCY
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Real-Time Clock and Calendar, refer to
the “dsPIC33/PIC24 Family Reference
Manual”, “RTCC with Timestamp”
(DS70005193), which is available from the
Microchip website (www.microchip.com).
The information in this data sheet
supersedes the information in the FRM.
The DIV<15:0> value is the integer part of this calculation:
The FDIV<4:0> value is the fractional part of the DIV<15:0>
calculation, multiplied by 32.
FOUT =
FIN
2 • (PS<1:0> Prescaler) • (DIV<15:0> + 1) +
FDIV<4:0>
32
()
DIV<15:0> =
FIN
2 • (PS<1:0> Prescaler)
– 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com