Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVR Datasheet(PDF) 318 Page - Microchip Technology

Part # DVR
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR Datasheet(HTML) 318 Page - Microchip Technology

Back Button DVR Datasheet HTML 314Page - Microchip Technology DVR Datasheet HTML 315Page - Microchip Technology DVR Datasheet HTML 316Page - Microchip Technology DVR Datasheet HTML 317Page - Microchip Technology DVR Datasheet HTML 318Page - Microchip Technology DVR Datasheet HTML 319Page - Microchip Technology DVR Datasheet HTML 320Page - Microchip Technology DVR Datasheet HTML 321Page - Microchip Technology DVR Datasheet HTML 322Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 318
 2016-2018 Microchip Technology Inc.
FIGURE 27-1:
TYPICAL CONNECTIONS AND INTERNAL CONFIGURATION FOR
CAPACITANCE MEASUREMENT
27.2
Measuring Time/Routing Current
Source to A/D Input Pin
Time measurements on the pulse width can be similarly
performed using the A/D module’s Internal Capacitor
(CAD) and a precision resistor for current calibration.
Figure 27-2 displays the external connections used for
time measurements, and how the CTMU and A/D
modules are related in this application. This example
also shows both edge events coming from the external
CTEDx pins, but other configurations using internal
edge sources are possible.
This mode is enabled by clearing the TGEN bit
(CTMUCON1L<12>). The current source is tied to the
input of the A/D after the sampling switch. Therefore,
the A/D bit, SAMP, must be set to ‘1’ in order for the
current to be routed through the channel selection MUX
to the desired pin.
27.3
Pulse Generation and Delay
The CTMU module can also generate an output pulse
with edges that are not synchronous with the device’s
system clock. More specifically, it can generate a pulse
with a programmable delay from an edge event input to
the module.
When the module is configured for pulse generation
delay by setting the TGEN bit (CTMUCON1<12>), the
internal current source is connected to the B input of
Comparator 2. A Capacitor (CDELAY) is connected to
the Comparator 2 pin, C2INB, and the Comparator
Voltage Reference, CVREF, is connected to C2INA.
CVREF is then configured for a specific trip point. The
module begins to charge CDELAY when an edge event
is detected. When CDELAY charges above the CVREF
trip point, a pulse is output on CTPLS. The length of the
pulse delay is determined by the value of CDELAY and
the CVREF trip point.
Figure 27-3 illustrates the external connections for
pulse generation, as well as the relationship of the
different analog modules required. While CTED1 is
shown as the input pulse source, other options are
available. A detailed discussion on pulse generation
with the CTMU module is provided in the “dsPIC33/
PIC24 Family Reference Manual”.
PIC24F Device
A/D Converter
CTMU
ANx
CAPP
Output Pulse
EDG1
EDG2
RPR
ANy
Timer1
Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com