Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVR Datasheet(PDF) 373 Page - Microchip Technology

Part # DVR
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR Datasheet(HTML) 373 Page - Microchip Technology

Back Button DVR Datasheet HTML 369Page - Microchip Technology DVR Datasheet HTML 370Page - Microchip Technology DVR Datasheet HTML 371Page - Microchip Technology DVR Datasheet HTML 372Page - Microchip Technology DVR Datasheet HTML 373Page - Microchip Technology DVR Datasheet HTML 374Page - Microchip Technology DVR Datasheet HTML 375Page - Microchip Technology DVR Datasheet HTML 376Page - Microchip Technology DVR Datasheet HTML 377Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 373
PIC24FJ256GA705 FAMILY
TABLE 32-19: AC SPECIFICATIONS FOR PHASE-LOCKED LOOP MODE
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Sym
Characteristic
Min
Typ
Max
Units
Conditions
FIN
Input Frequency Range
2
—
24
MHz
FMIN
Minimum Output Frequency from the
Frequency Multiplier
—
—
16
MHz
4 MHz FIN with 4x feedback ratio,
2 MHz FIN with 8x feedback ratio
FMAX
Maximum Output Frequency from the
Frequency Multiplier
96
—
—
MHz
4 MHz FIN with 24x net multiplication ratio,
24 MHz FIN with 4x net multiplication ratio
FSLEW Maximum Step Function of FIN at which
the PLL will be Ensured to Maintain Lock
-4
—
+4
%
Full input range of FIN
TLOCK Lock Time for VCO
—
—
24
µs
With the specified minimum, TREF, and a
lock timer count of one cycle, this is the
maximum VCO lock time supported
JFM8
Cumulative Jitter of Frequency Multiplier
Over Voltage and Temperature during Any
Eight Consecutive Cycles of the PLL Output
——
±0.12
%
4 MHz FIN with 4x feedback ratio
TABLE 32-20: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
F20
FRC Accuracy @ 8 MHz
-1.5
+0.15
1.5
%
2.0V
 VDD 3.6V, 0°C  TA +85°C
(Note 1)
-2
—
2
%
2.0V
 VDD 3.6V, -40°C  TA 0°C
-4
—
4
%
2.0V
 VDD 3.6V, +85°C  TA 125°C
F21
LPRC @ 31 kHz
-20
—
20
%
VCAP Output Voltage = 1.8V
F22
OSCTUN Step-Size
—
0.1
—
%/bit
Note 1:
To achieve this accuracy, physical stress applied to the microcontroller package (ex., by flexing the PCB)
must be kept to a minimum.
TABLE 32-21: RC OSCILLATOR START-UP TIME
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
FR0
TFRC
FRC Oscillator Start-up
Time
—15
—
µs
FR1
TLPRC
Low-Power RC Oscillator
Start-up Time
—50
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com