Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVR11 Datasheet(PDF) 203 Page - Microchip Technology

Part # DVR11
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR11 Datasheet(HTML) 203 Page - Microchip Technology

Back Button DVR11 Datasheet HTML 199Page - Microchip Technology DVR11 Datasheet HTML 200Page - Microchip Technology DVR11 Datasheet HTML 201Page - Microchip Technology DVR11 Datasheet HTML 202Page - Microchip Technology DVR11 Datasheet HTML 203Page - Microchip Technology DVR11 Datasheet HTML 204Page - Microchip Technology DVR11 Datasheet HTML 205Page - Microchip Technology DVR11 Datasheet HTML 206Page - Microchip Technology DVR11 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 203
PIC24FJ256GA705 FAMILY
FIGURE 17-1:
SPIx MODULE BLOCK DIAGRAM (ENHANCED MODE)
17.3
Audio Mode Operation
To initialize the SPIx module for Audio mode, follow the
steps to initialize it for Master/Slave mode, but also set
the AUDEN bit (SPIxCON1H<15>). In Master+Audio
mode:
• This mode enables the device to generate SCKx
and LRC pulses as long as the SPIEN bit
(SPIxCON1L<15>) = 1.
• The SPIx module generates LRC and SCKx
continuously in all cases, regardless of the
transmit data, while in Master mode.
• The SPIx module drives the leading edge of LRC
and SCKx within 1 SCKx period, and the serial
data shifts in and out continuously, even when the
TX FIFO is empty.
In Slave+Audio mode:
• This mode enables the device to receive SCKx
and LRC pulses as long as the SPIEN bit
(SPIxCON1L<15>) = 1.
• The SPIx module drives zeros out of SDOx, but
does not shift data out or in (SDIx) until the
module receives the LRC (i.e., the edge that
precedes the left channel).
• Once the module receives the leading edge
of LRC, it starts receiving data if
DISSDI (SPIxCON1L<4>) = 0 and the serial data
shifts out continuously, even when the TX FIFO
is empty.
Read
Write
Internal
Data Bus
SDIx
SDOx
SSx/FSYNC
SCKx
MSB
Shift
Control
Edge
Select
Enable Master Clock
Transmit
Peripheral Clock
MCLKEN
SPIxRXSR
URDTEN
1
0
TXELM<5:0> = 6’b0
MSB
Baud Rate
Generator
SSx & FSYNC
Control
Clock
Control
SPIxTXSR
Clock
Control
Receive
SPIxURDT
SPIxTXB
Edge
Select
SPIxRXB
Note 1: The MCLK source is the REFO clock.
MCLK(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com