Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVR21 Datasheet(PDF) 221 Page - Microchip Technology

Part # DVR21
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DVR21 Datasheet(HTML) 221 Page - Microchip Technology

Back Button DVR21 Datasheet HTML 217Page - Microchip Technology DVR21 Datasheet HTML 218Page - Microchip Technology DVR21 Datasheet HTML 219Page - Microchip Technology DVR21 Datasheet HTML 220Page - Microchip Technology DVR21 Datasheet HTML 221Page - Microchip Technology DVR21 Datasheet HTML 222Page - Microchip Technology DVR21 Datasheet HTML 223Page - Microchip Technology DVR21 Datasheet HTML 224Page - Microchip Technology DVR21 Datasheet HTML 225Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 221
PIC24FJ256GA705 FAMILY
18.0 INTER-INTEGRATED CIRCUIT
(I2C)
The Inter-Integrated Circuit (I2C) module is a serial
interface useful for communicating with other periph-
eral or microcontroller devices. These peripheral
devices may be serial EEPROMs, display drivers, A/D
Converters, etc.
The I2C module supports these features:
• Independent Master and Slave Logic
• 7-Bit and 10-Bit Device Addresses
• General Call Address as Defined in the
I2C Protocol
• Clock Stretching to Provide Delays for the
Processor to Respond to a Slave Data Request
• Both 100 kHz and 400 kHz Bus Specifications
• Configurable Address Masking
• Multi-Master modes to Prevent Loss of Messages
in Arbitration
• Bus Repeater mode, Allowing the Acceptance of All
Messages as a Slave, regardless of the Address
• Automatic SCL
A block diagram of the module is shown in Figure 18-1.
18.1
Communicating as a Master in a
Single Master Environment
The details of sending a message in Master mode
depends on the communications protocol for the device
being communicated with. Typically, the sequence of
events is as follows:
1.
Assert a Start condition on SDAx and SCLx.
2.
Send the I2C device address byte to the slave
with a write indication.
3.
Wait for and verify an Acknowledge from the
slave.
4.
Send the first data byte (sometimes known as
the command) to the slave.
5.
Wait for and verify an Acknowledge from the
slave.
6.
Send the serial memory address low byte to the
slave.
7.
Repeat Steps 4 and 5 until all data bytes are
sent.
8.
Assert a Repeated Start condition on SDAx and
SCLx.
9.
Send the device address byte to the slave with
a read indication.
10. Wait for and verify an Acknowledge from the
slave.
11. Enable master reception to receive serial
memory data.
12. Generate an ACK or NACK condition at the end
of a received byte of data.
13. Generate a Stop condition on SDAx and SCLx.
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to
the “dsPIC33/PIC24 Family Reference
Manual”, “Inter-Integrated Circuit (I2C)”
(DS70000195), which is available from the
Microchip website (www.microchip.com).
The information in this data sheet
supersedes the information in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com