Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS10 Datasheet(PDF) 353 Page - Microchip Technology

Part # OS10
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OS10 Datasheet(HTML) 353 Page - Microchip Technology

Back Button OS10 Datasheet HTML 349Page - Microchip Technology OS10 Datasheet HTML 350Page - Microchip Technology OS10 Datasheet HTML 351Page - Microchip Technology OS10 Datasheet HTML 352Page - Microchip Technology OS10 Datasheet HTML 353Page - Microchip Technology OS10 Datasheet HTML 354Page - Microchip Technology OS10 Datasheet HTML 355Page - Microchip Technology OS10 Datasheet HTML 356Page - Microchip Technology OS10 Datasheet HTML 357Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 353
PIC24FJ256GA705 FAMILY
GOTO
GOTO
Expr
Go to Address
2
2
None
GOTO
Wn
Go to Indirect
1
2
None
INC
INC
f
f = f + 1
1
1
C, DC, N, OV, Z
INC
f,WREG
WREG = f + 1
1
1
C, DC, N, OV, Z
INC
Ws,Wd
Wd = Ws + 1
1
1
C, DC, N, OV, Z
INC2
INC2
f
f = f + 2
1
1
C, DC, N, OV, Z
INC2
f,WREG
WREG = f + 2
1
1
C, DC, N, OV, Z
INC2
Ws,Wd
Wd = Ws + 2
1
1
C, DC, N, OV, Z
IOR
IOR
f
f = f .IOR. WREG
1
1
N, Z
IOR
f,WREG
WREG = f .IOR. WREG
1
1
N, Z
IOR
#lit10,Wn
Wd = lit10 .IOR. Wd
1
1
N, Z
IOR
Wb,Ws,Wd
Wd = Wb .IOR. Ws
1
1
N, Z
IOR
Wb,#lit5,Wd
Wd = Wb .IOR. lit5
1
1
N, Z
LNK
LNK
#lit14
Link Frame Pointer
1
1
None
LSR
LSR
f
f = Logical Right Shift f
1
1
C, N, OV, Z
LSR
f,WREG
WREG = Logical Right Shift f
1
1
C, N, OV, Z
LSR
Ws,Wd
Wd = Logical Right Shift Ws
1
1
C, N, OV, Z
LSR
Wb,Wns,Wnd
Wnd = Logical Right Shift Wb by Wns
1
1
N, Z
LSR
Wb,#lit5,Wnd
Wnd = Logical Right Shift Wb by lit5
1
1
N, Z
MOV
MOV
f,Wn
Move f to Wn
1
1
None
MOV
[Wns+Slit10],Wnd
Move [Wns+Slit10] to Wnd
1
1
None
MOV
f
Move f to f
1
1
N, Z
MOV
f,WREG
Move f to WREG
1
1
N, Z
MOV
#lit16,Wn
Move 16-Bit Literal to Wn
1
1
None
MOV.b
#lit8,Wn
Move 8-Bit Literal to Wn
1
1
None
MOV
Wn,f
Move Wn to f
1
1
None
MOV
Wns,[Wns+Slit10]
Move Wns to [Wns+Slit10]
1
1
None
MOV
Wso,Wdo
Move Ws to Wd
1
1
None
MOV
WREG,f
Move WREG to f
1
1
N, Z
MOV.D
Wns,Wd
Move Double from W(ns):W(ns+1) to Wd
1
2
None
MOV.D
Ws,Wnd
Move Double from Ws to W(nd+1):W(nd)
1
2
None
MUL
MUL.SS
Wb,Ws,Wnd
{Wnd+1, Wnd} = Signed(Wb) * Signed(Ws)
1
1
None
MUL.SU
Wb,Ws,Wnd
{Wnd+1, Wnd} = Signed(Wb) * Unsigned(Ws)
1
1
None
MUL.US
Wb,Ws,Wnd
{Wnd+1, Wnd} = Unsigned(Wb) * Signed(Ws)
1
1
None
MUL.UU
Wb,Ws,Wnd
{Wnd+1, Wnd} = Unsigned(Wb) * Unsigned(Ws)
1
1
None
MUL.SU
Wb,#lit5,Wnd
{Wnd+1, Wnd} = Signed(Wb) * Unsigned(lit5)
1
1
None
MUL.UU
Wb,#lit5,Wnd
{Wnd+1, Wnd} = Unsigned(Wb) * Unsigned(lit5)
1
1
None
MUL
f
W3:W2 = f * WREG
1
1
None
NEG
NEG
f
f = f + 1
1
1
C, DC, N, OV, Z
NEG
f,WREG
WREG = f + 1
1
1
C, DC, N, OV, Z
NEG
Ws,Wd
Wd = Ws + 1
1
1
C, DC, N, OV, Z
NOP
NOP
No Operation
1
1
None
NOPR
No Operation
1
1
None
POP
POP
f
Pop f from Top-of-Stack (TOS)
1
1
None
POP
Wdo
Pop from Top-of-Stack (TOS) to Wdo
1
1
None
POP.D
Wnd
Pop from Top-of-Stack (TOS) to W(nd):W(nd+1)
1
2
None
POP.S
Pop Shadow Registers
1
1
All
PUSH
PUSH
f
Push f to Top-of-Stack (TOS)
1
1
None
PUSH
Wso
Push Wso to Top-of-Stack (TOS)
1
1
None
PUSH.D
Wns
Push W(ns):W(ns+1) to Top-of-Stack (TOS)
1
2
None
PUSH.S
Push Shadow Registers
1
1
None
TABLE 31-2:
INSTRUCTION SET OVERVIEW (CONTINUED)
Assembly
Mnemonic
Assembly Syntax
Description
# of
Words
# of
Cycles
Status Flags
Affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com