Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 194 Page - STMicroelectronics

Part # STM32F405RG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 194 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 190Page - STMicroelectronics STM32F405RG Datasheet HTML 191Page - STMicroelectronics STM32F405RG Datasheet HTML 192Page - STMicroelectronics STM32F405RG Datasheet HTML 193Page - STMicroelectronics STM32F405RG Datasheet HTML 194Page - STMicroelectronics STM32F405RG Datasheet HTML 195Page - STMicroelectronics STM32F405RG Datasheet HTML 196Page - STMicroelectronics STM32F405RG Datasheet HTML 197Page - STMicroelectronics STM32F405RG Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 201 page
background image
Revision history
STM32F405xx, STM32F407xx
194/201
DocID022152 Rev 6
31-May-2012
3
(continued)
Removed fHSE_ext typical value in Table 30: High-speed external user
clock characteristics. Updated Table 32: HSE 4-26 MHz oscillator
characteristics and Table 33: LSE oscillator characteristics (fLSE =
32.768 kHz).
Added fPLL48_OUT maximum value in Table 36: Main PLL
characteristics.
Modified equation 1 and 2 in Section 5.3.11: PLL spread spectrum
clock generation (SSCG) characteristics.
Updated Table 39: Flash memory characteristics, Table 40: Flash
memory programming, and Table 41: Flash memory programming with
VPP.
Updated Section : Output driving current.
Table 56: I2C characteristics: Note 4 updated and applied to th(SDA) in
Fast mode, and removed note 4 related to th(SDA) minimum value.
Updated Table 67: ADC characteristics. Updated note concerning ADC
accuracy vs. negative injection current below Table 68: ADC accuracy
at fADC = 30 MHz.
Added WLCSP90 thermal resistance in Table 98: Package thermal
characteristics.
Updated Table 90: WLCSP90 - 4.223 x 3.969 mm, 0.400 mm pitch
wafer level chip scale package mechanical data.
Updated Figure 87: UFBGA176+25 - 201-ball, 10 x 10 mm, 0.65 mm
pitch, ultra fine pitch ball grid array package outline and Table 95:
UFBGA176+25 - 201-ball, 10 × 10 × 0.65 mm pitch, ultra thin fine pitch
ball grid array mechanical data.
Added Figure 91: LQFP176 - 176-pin, 24 x 24 mm low profile quad flat
recommended footprint.
Removed 256 and 768 Kbyte Flash memory density from Table 99:
Ordering information scheme.
Table 100. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com