Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 199 Page - STMicroelectronics

Part # STM32F405VG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 193Page - STMicroelectronics STM32F405VG Datasheet HTML 194Page - STMicroelectronics STM32F405VG Datasheet HTML 195Page - STMicroelectronics STM32F405VG Datasheet HTML 196Page - STMicroelectronics STM32F405VG Datasheet HTML 197Page - STMicroelectronics STM32F405VG Datasheet HTML 198Page - STMicroelectronics STM32F405VG Datasheet HTML 199Page - STMicroelectronics STM32F405VG Datasheet HTML 200Page - STMicroelectronics STM32F405VG Datasheet HTML 201Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 199 / 201 page
background image
DocID022152 Rev 6
199/201
STM32F405xx, STM32F407xx
Revision history
06-Mar-2015
5
Replace Cortex-M4F by Cortex-M4 with FPU throughout the
document.
Updated Section : Regulator OFF and Table 3: Regulator ON/OFF and
internal reset ON/OFF availability for LQFP176.
Updated Figure 15: STM32F40xxx LQFP176 pinout and Table 7:
STM32F40xxx pin and ball definitions.
Updated Figure 6: Multi-AHB matrix.
Added note 1 below Figure 12: STM32F40xxx LQFP64 pinout,
Figure 13: STM32F40xxx LQFP100 pinout, Figure 14: STM32F40xxx
LQFP144 pinout and Figure 15: STM32F40xxx LQFP176 pinout.
Updated IVDD and IVSS in Table 12: Current characteristics.
Updated PLS[2:0]=101 (falling edge) configuration in Table 19:
Embedded reset and power control block characteristics.
Added Section : Additional current consumption. Updated Section :
On-chip peripheral current consumption.
Updated Table 29: Low-power mode wakeup timings.
Updated Table 32: HSE 4-26 MHz oscillator characteristics and
Table 33: LSE oscillator characteristics (fLSE = 32.768 kHz).
Changed condition related to VESD(CDM) in Table 45: ESD absolute
maximum ratings.
Updated Table 47: I/O current injection susceptibility, Table 48: I/O
static characteristics, Table 49: Output voltage characteristics
conditions, Table 50: I/O AC characteristics and Figure 37: I/O AC
characteristics definition.
Updated Section : I2C interface characteristics.
Remove note 3 in Table 69: Temperature sensor characteristics.
Updated Figure 72: DCMI timing diagram.
Modified Figure 75: WLCSP90 - 4.223 x 3.969 mm, 0.400 mm pitch
wafer level chip scale package outline and Table 90: WLCSP90 - 4.223
x 3.969 mm, 0.400 mm pitch wafer level chip scale package
mechanical data. Added Figure 76: WLCSP90 - 4.223 x 3.969 mm,
0.400 mm pitch wafer level chip scale recommended footprint and
Table 91: WLCSP90 recommended PCB design rules. /
Modified Figure 78: LQFP64 – 64-pin, 10 x 10 mm low-profile quad flat
package outline and Table 92: LQFP64 – 64-pin 10 x 10 mm low-profile
quad flat package mechanical data.
Updated Figure 87: UFBGA176+25 - 201-ball, 10 x 10 mm, 0.65 mm
pitch, ultra fine pitch ball grid array package outline and Table 95:
UFBGA176+25 - 201-ball, 10 × 10 × 0.65 mm pitch, ultra thin fine pitch
ball grid array mechanical data. Added Figure 88: UFBGA176+25 -
201-ball, 10 x 10 mm, 0.65 mm pitch, ultra fine pitch ball grid array
recommended footprint and Table 96: UFBGA176+2 recommended
PCB design rules (0.65 mm pitch BGA).
Updated Figure 90: LQFP176 - 176-pin, 24 x 24 mm low profile quad
flat package outline.
Added Section : Device marking for WLCSP90, Section : Device
marking for LQFP64, Section : Device marking for LFP100, Section :
Device marking for LQPF144, Section : Device marking for
UFBGA176+25 and Section : Device marking for LQFP176.
Table 100. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com