Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103RCT6 Datasheet(PDF) 136 Page - STMicroelectronics

Part # STM32F103RCT6
Description  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RCT6 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button STM32F103RCT6 Datasheet HTML 132Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 133Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 134Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 135Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 136Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 137Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 138Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 139Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 143 page
background image
Revision history
STM32F103xC, STM32F103xD, STM32F103xE
136/143
DS5792 Rev 13
8
Revision history
Table 76.Document revision history
Date
Revision
Changes
07-Apr-2008
1
Initial release.
22-May-2008
2
Document status promoted from Target Specification to Preliminary
Data.
Section 1: Introduction and Section 2.2: Full compatibility throughout
the family modified. Small text changes.
Note 2 added in Table 2: STM32F103xC, STM32F103xD and
STM32F103xE features and peripheral counts on page 11.
LQPF100/BGA100 column added to Table 6: FSMC pin definition on
page 38.
Values and Figures added to Maximum current consumption on
page 62 (see Table 18, Table 19, Table 20 and Table 21 and see
Figure 14, Figure 15, Figure 17, Figure 18 and Figure 19).
Values added to Typical current consumption on page 73 (see
Table 22, Table 23 and Table 24). Table 19: Typical current
consumption in Standby mode removed.
Note 4 and Note 1 added to Table 65: USB DC electrical characteristics
and Table 66: USB: full-speed electrical characteristics on page 129,
respectively.
VUSB added to Table 65: USB DC electrical characteristics on
page 129.
Figure 68: Recommended footprint(1) on page 143 corrected.
Equation 1 corrected. Figure 73: LQFP100 PD max vs. TA on page 149
modified.
Tolerance values corrected in Table 74: LFBGA144 – 144-ball low
profile fine pitch ball grid array, 10 x 10 mm, 0.8 mm pitch, package
data on page 139.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com