Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB081 Datasheet(PDF) 116 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 112Page - STMicroelectronics SPSB081 Datasheet HTML 113Page - STMicroelectronics SPSB081 Datasheet HTML 114Page - STMicroelectronics SPSB081 Datasheet HTML 115Page - STMicroelectronics SPSB081 Datasheet HTML 116Page - STMicroelectronics SPSB081 Datasheet HTML 117Page - STMicroelectronics SPSB081 Datasheet HTML 118Page - STMicroelectronics SPSB081 Datasheet HTML 119Page - STMicroelectronics SPSB081 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 135 page
background image
Bit
Name
Description
20
‘1’ = wake-up
Bits are latched until a “Read and clear” command
WU1 WAKE
19
WAKE CAN
18
WAKE LIN
17
WAKE TIMER
16
DEBUG _ACTIVE
Indicates device is in debug mode
‘1’ = debug mode
Bit is latched until a “Read and clear” command
15
V1UV
Indicates undervoltage condition at voltage regulator V1 (V1 < VRTx)
‘1’ = undervoltage
Bit is latched until a “Read and clear” command
14
V1_RESTART_2
Indicates that the number of TSD2 events that caused a restart of voltage regulator V1
Bits cannot be cleared; the counter is automatically cleared if no additional TSD2 event occurs within 1
minute.
13
V1_ RESTART_1
12
V1_ RESTART_0
11
WDFAIL_CNT_3
Indicates number of subsequent watchdog failures.
Bits cannot be cleared; they are cleared with a valid watchdog trigger
10
WDFAIL_CNT_2
9
WDFAIL_CNT_1
8
WDFAIL_CNT_0
7
DEVICE_STATE_1
0 0: Active mode after power-on, or after read&clear command
0 1: Active mode after wake-up from V_standby mode (before read&clear command)
1 0: Active mode after wake-up from VBAT_standby mode (before read&clear command)
1 1: Not used
Bit is latched until a read&clear command
After a “read and clear access”, the device state is updated
6
DEVICE_STATE_0
5
TSD2
Thermal shutdown 2 was reached
Bit is latched until a “Read and clear” command for Cluster 4 (bit 22 in SR7)
4
TSD1
Thermal shutdown 1 was reached
Bit is latched until a “Read and clear” command for all Clusters (bit 16-23 in SR7)
3
FORCED_SLEEP_TS
D2/V1SC
Device entered forced sleep mode due to:
•
Thermal shutdown or
•
Short circuit on V1 during startup
Bit is latched until a read&clear command
2
FORCED_SLEEP_W
D
Device entered forced sleep mode due to multiple watchdog failures
Bit is latched until a read&clear command
1
WDFAIL
Watchdog failure
Bit is latched until a “Read and clear” command
0
VPOR
VREG Power-on Reset threshold (VPOR)(1) reached
Bit is latched until a “Read and clear” command
1. If VPOR is set after a cold startup, the device comes from a Power-on Reset.
SPSB081
Status registers
DS14048 - Rev 1
page 116/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com