Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24232103 Datasheet(PDF) 125 Page - Toshiba Semiconductor

Part # 24232103
Description  COLOUR TELEVISION C9PJ Chassis
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24232103 Datasheet(HTML) 125 Page - Toshiba Semiconductor

Back Button 24232103 Datasheet HTML 118Page - Toshiba Semiconductor 24232103 Datasheet HTML 119Page - Toshiba Semiconductor 24232103 Datasheet HTML 120Page - Toshiba Semiconductor 24232103 Datasheet HTML 121Page - Toshiba Semiconductor 24232103 Datasheet HTML 122Page - Toshiba Semiconductor 24232103 Datasheet HTML 123Page - Toshiba Semiconductor 24232103 Datasheet HTML 124Page - Toshiba Semiconductor 24232103 Datasheet HTML 125Page - Toshiba Semiconductor 24232103 Datasheet HTML 126Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 125 / 126 page
background image
– 75 –
CATV
X ~ Z+2, S1 ~ S41
—
∗ VHF : B-C ; 1-6, B-Q, 71-86
X1 ~ X19
Colour system
Sound system
4.43NTSC
5.5/6.0/6.5 MHz
PAL 60Hz
5.5/6.0/6.5 MHz
PAL/SECAM/4.43NTSC/3.58NTSC
14 W + 14 W
• Remote control unit
× 1
• Battery (R03, AAA)
× 2
Rated voltage
Power consumption
(at AC 220 V, 50 Hz)
Dimensions
(Width
× Height × Depth)
Mass
Screen size
Television system
(Aerial input)
Colour system
Sound output
Accessories
Channel
coverage
Special RF
signal
System
PAL
B/G
PAL
I
SECAM L
SECAM D/K
Channel
CCIR
UK
CCIR
OIRT
UHF
21 – 69
21 – 69
21 – 69
21 – 69
VHF
2 – 12
—
∗
1 – 12
963.2 mm
× 1119.7 mm × 466 mm
51.0 kg
Type 40
AC 230 V, 50/60 Hz
150 W
SPECIFICATIONS (Representative : 40PW03G)
* Please refer to owner’s manual in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com