Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNCF0603DKE1M00 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # RNCF0603DKE1M00
Description  Precision Thin Film Chip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RNCF0603DKE1M00 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  RNCF0603DKE1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 7Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev Date: 7/8/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNCF Series
Precision Thin Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications
– Precision Thin Film Chip Resistor (cont.)
Electrical Specifications
– Ultra-Precision Thin Film Chip Resistor
0.01%
0.05%
0.1%
0.25%
0.5%
1%
± 25
± 50
± 10
± 15
± 25
± 50
± 25
± 50
± 10
± 15
± 25
± 50
± 10
± 15
± 25
± 50
± 10
± 15
± 25
± 50
± 25
± 50
Power Rating
(2)
(W)
@ 70ºC
300
-
24.9 - 499K
24.9 - 499K
Maximum
Working
Voltage (V)
(1)
Maximum
Overload
Voltage (V)
TCR
(ppm/ºC)
Ohmic Range (Ω) and Tolerance
Type / Code
0.33
200
400
RNCF2512
0.5
1 - 2K
101 - 2K
2.05K - 499K
2.05K - 1M
-
1.02M - 2.5M
4.7 - 1M
1 - 1M
-
4.7 - 1M
1 - 1M
24.9 - 499K
24.9 - 499K
24.9 - 2K
24.9 - 2K
4.7 - 2K
4.7 - 2K
4.7 - 2K
1.02M - 3M
150
300
150
101 - 2K
1
200
400
-
4.7 - 100
1 - 100
2.05K - 1M
2.05K - 3M
0.75
200
400
(1) Lesser of
or maximum working voltage.
(2) For lower power ratings, contact Stackpole.
RNCF1210
0.25
150
300
0.33
RNCF2010
200
400
0.25
√ P*R
0.01%
0.05%
0.1%
0.25%
0.5%
1%
± 2
± 5
± 2
± 5
± 2
± 5
± 2
± 5
± 2
± 5
0.25
150
300
± 2
± 2
± 5
± 2
± 5
(1) Lesser of
or maximum working voltage.
Ohmic Range (Ω) and Tolerance
Type / Code
Power Rating
(2)
(W)
@ 70ºC
Maximum
Working
Voltage (V)
(1)
Maximum
Overload
Voltage (V)
TCR
(ppm/ºC)
RNCF0603
0.1
75
150
-
24.9 - 60.4K
24.9 - 15K
49.9 - 4.99K
-
49.9 - 20K
24.9 - 30K
-
24.9 - 150K
RNCF2512
300
0.25
200
400
0.5
24.9 - 49.9K
-
24.9 - 300K
150
400
0.33
200
400
RNCF1210
RNCF2010
0.33
200
51K - 100K
-
24.9 - 49.9K
-
24.9 - 300K
(2) For lower power ratings, contact Stackpole.
24.9 - 49.9K
-
24.9 - 300K
RNCF0402
0.1
50
100
RNCF0805
0.125
150
300
RNCF1206
24.9 - 100K
-
24.9 - 300K
√ P*R


Similar Part No. - RNCF0603DKE1M00

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RNCF0805TKY2K00 AD-RNCF0805TKY2K00 Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results

Similar Description - RNCF0603DKE1M00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
01-Jan-2022
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
Precision Thin Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com