Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNCF0603DKE1M00 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RNCF0603DKE1M00
Description  Precision Thin Film Chip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RNCF0603DKE1M00 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RNCF0603DKE1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 7Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev Date: 7/8/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNCF Series
Precision Thin Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
Performance Characteristics
0.023 ± 0.003
0.011 ± 0.002
0.009 ± 0.002
0.005 ± 0.002
0.006 ± 0.002
inches
0.58 ± 0.07
0.29 ± 0.06
0.23 ± 0.05
0.12 ± 0.05
0.15 ± 0.05
mm
0.039 ± 0.002
0.020 ± 0.002
0.012 ± 0.002
0.008 ± 0.004
0.008 ± 0.004
inches
1.00 ± 0.05
0.50 ± 0.05
0.30 ± 0.05
0.20 ± 0.10
0.20 ± 0.10
mm
0.061 ± 0.004
0.031 ± 0.004
0.018 ± 0.004
0.012 ± 0.008
0.012 ± 0.008
inches
1.55 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
0.079 ± 0.006
0.049 ± 0.006
0.022 ± 0.004
0.012 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.15
1.25 ± 0.15
0.55 ± 0.10
0.30 ± 0.20
0.40 ± 0.20
mm
0.120 ± 0.006
0.061 ± 0.006
0.022 ± 0.004
0.017 ± 0.008
0.014 ± 0.010
inches
3.05 ± 0.15
1.55 ± 0.15
0.55 ± 0.10
0.42 ± 0.20
0.35 ± 0.25
mm
0.122 ± 0.006
0.094 ± 0.006
0.022 ± 0.004
0.016 ± 0.008
0.022 ± 0.010
inches
3.10 ± 0.15
2.40 ± 0.15
0.55 ± 0.10
0.40 ± 0.20
0.55 ± 0.25
mm
0.193 ± 0.006
0.094 ± 0.006
0.022 ± 0.004
0.024 ± 0.012
0.020 ± 0.010
inches
4.90 ± 0.15
2.40 ± 0.15
0.55 ± 0.10
0.60 ± 0.30
0.50 ± 0.25
mm
0.248 ± 0.006
0.122 ± 0.006
0.022 ± 0.004
0.024 ± 0.012
0.020 ± 0.010
inches
6.30 ± 0.15
3.10 ± 0.15
0.55 ± 0.10
0.60 ± 0.30
0.50 ± 0.25
mm
23.61
38.6
0.54
1.83
4.71
9.02
10
RNCF2512
RNCF0805
RNCF1206
RNCF1210
RNCF2010
a
b
Body Length
Body Width
Body Height
Top Termination
Bottom Termination
RNCF0402
RNCF0603
Type / Code
RNCF0201
0.14
Unit
L
W
H
Weight (g)
(1000 pc.)
Tol. ≤ 0.05%
Tol. > 0.05%
Δ R ± 0.05%
Δ R ± 0.2%
Insulation Resistance
MIL-STD-202 Method 302
Apply 100 VDC for 1 minute
Δ R ± 0.05%
Δ R ± 0.2%
Δ R ± 0.05%
Δ R ± 0.3%
Bending Strength
JIS-C-5201-1 4.33
Δ R ± 0.05%
Δ R ± 0.1%
Bending amplitude for 10 seconds.
2010 and 2512 sizes: 2 mm
Other sizes: 3 mm
Solderability
MIL-STD-202 Method 208H
245 ± 5°C for 3 seconds
Resistance to Soldering Heat
MIL-STD-202 Method 210E
Δ R ± 0.05%
Δ R ± 0.1%
260 ± 5°C for 10 seconds
Dielectric Withstand Voltage
MIL-STD-202 Method 301
Max. overload voltage for 1 minute
Δ R ± 0.05%
Δ R ± 0.2%
High Temperature Exposure
MIL-STD-202 Method 108
+155°C for 1000 hours
Operating temperature range is -55°C to + 155°C
0201 ≤ 7K Ω: Δ R ± 0.2%
70 ± 2°C, RCWV for 1000 hours with
1.5 hours "ON" and 0.5 hour "OFF"
Endurance
Δ R ± 0.5% for high power rating
Δ R ± 0.5% for high power rating
RCWV (Rated Continuous Working Voltage) =
or Max. Operating Voltage, whichever is lower.
MIL-STD-202 Method 103B
Damp Heat with Load
40 ± 2°C, 90 ~ 95% R.H. RCWV for 1000 hours
with 1.5 hours "ON" and 0.5 hour "OFF"
95% min. coverage
Δ R ± 0.5% for high power rating
1 hour, - 65°C, followed by 45 minutes of RCWV
Low Temperature Operation
JIS-C-5201-1 4.36
by type
Δ R ± 0.5%
Storage Temperature: 60 ~ 82ºF. Humidity < 80% R.H.
Test
Test Method
Test Condition
Test Specification
+25 / -55 / +25 / +125 / +25°C
Temperature coefficient of
Resistance (T.C.R.)
MIL-STD-202 Method 304
As specified.
RCWV * 2.5 or Max. overload voltage
whichever is lower for 5 seconds
Short Time Overload
JIS-C-5201-1 4.13
Δ R ± 0.2% for high power rating
> 9999M Ω
MIL-STD-202 Method 108A
0201 > 7K Ω: Δ R ± 0.5%
√ P*R


Similar Part No. - RNCF0603DKE1M00

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RNCF0805TKY2K00 AD-RNCF0805TKY2K00 Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results

Similar Description - RNCF0603DKE1M00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
01-Jan-2022
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
Precision Thin Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com