Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNCF0603DKE1M00 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # RNCF0603DKE1M00
Description  Precision Thin Film Chip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RNCF0603DKE1M00 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  RNCF0603DKE1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 7Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Rev Date: 7/8/2022
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNCF Series
Precision Thin Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Type / Code
Unit
0.112 ± 0.004
0.215 ± 0.004
0.472 ± 0.004
0.069 ± 0.004
0.217 ± 0.002
inches
2.85 ± 0.10
5.45 ± 0.10
12.00 ± 0.10
1.75 ± 0.10
5.50 ± 0.05
mm
0.134 ± 0.004
0.262 ± 0.004
0.472 ± 0.004
0.069 ± 0.004
0.217 ± 0.002
inches
3.40 ± 0.10
6.65 ± 0.10
12.00 ± 0.10
1.75 ± 0.10
5.50 ± 0.05
mm
Type / Code
Unit
0.157 ± 0.002
0.157 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.039 ± 0.008
inches
4.00 ± 0.05
4.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
1.00 ± 0.20
mm
0.157 ± 0.002
0.157 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.039 ± 0.008
inches
4.00 ± 0.05
4.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
1.00 ± 0.20
mm
W
E
F
RNCF2010
RNCF2512
RNCF2512
P0
A
B
P1
P2
D0
T
RNCF2010
The peel speed shall be about 300 mm / min ± 5%
The peel force of top cover tape shall be between 8gf to 60gf
The peel speed shall be about 300 mm / min ± 5%
The peel force of top cover tape shall be between 20gf to 80gf
Packaging Specifications
– Embossed Plastic Tape
Peel Force of Top Cover Tape
Peel Force of Top Cover Tape


Similar Part No. - RNCF0603DKE1M00

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RNCF0805TKY2K00 AD-RNCF0805TKY2K00 Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results

Similar Description - RNCF0603DKE1M00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
01-Jan-2022
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
Precision Thin Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com