Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RNCF0603DKE1M00 Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # RNCF0603DKE1M00
Description  Precision Thin Film Chip Resistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RNCF0603DKE1M00 Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

  RNCF0603DKE1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 7Page - Stackpole Electronics, Inc. RNCF0603DKE1M00 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev Date: 7/8/2022
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RNCF Series
Precision Thin Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
R
N
C
F
0
8
0
5
D
T
E
4
K
7
5
Code
Description
Code
Tol
Value
(1)
Code
Quantity
Code ppm
T
0.01%
10000
W
2
A
0.05%
Y
5
B
0.1%
T
10
C
0.25%
S
15
D
0.5%
E
25
F
1%
E96, E24
C
50
D
100
24.9 ohm = 24R9
10 Kohm = 10K0
0603, 0805
4000
Size
0201
0402
0603
0805
Description
Size
Tolerance
7" Reel
Paper Tape
1206
Code
Product Series
All Sizes
2010, 2512
TCR
Resistance Value
(2)
Four characters
with the multiplier
used as the
decimal holder.
RNCF
Precision Thin
Film Chip
Resistors
Packaging
E192,
E96, E24
1206, 1210
5000
1210
0201, 0402
T
7" Reel
Plastic Tape
(1) E192 values are not marked, and may be subject to higher MOQ
(2) Values below 10 ohm and above 1 Mohm may be subject to higher MOQ
2010
2512
7" Reel
1 Mohm = 1M00
1000
K


Similar Part No. - RNCF0603DKE1M00

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RNCF0805TKY2K00 AD-RNCF0805TKY2K00 Datasheet
2Mb / 24P
Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
Rev. 0
More results

Similar Description - RNCF0603DKE1M00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
01-Jan-2022
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
Precision Thin Film Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com