Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L082KB Datasheet(PDF) 117 Page - STMicroelectronics

Part # STM32L082KB
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082KB Datasheet(HTML) 117 Page - STMicroelectronics

Back Button STM32L082KB Datasheet HTML 113Page - STMicroelectronics STM32L082KB Datasheet HTML 114Page - STMicroelectronics STM32L082KB Datasheet HTML 115Page - STMicroelectronics STM32L082KB Datasheet HTML 116Page - STMicroelectronics STM32L082KB Datasheet HTML 117Page - STMicroelectronics STM32L082KB Datasheet HTML 118Page - STMicroelectronics STM32L082KB Datasheet HTML 119Page - STMicroelectronics STM32L082KB Datasheet HTML 120Page - STMicroelectronics STM32L082KB Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 132 page
background image
DS10688 Rev 7
117/132
STM32L082xx
Package information
126
7.3
LQFP32 package information
This LQFP is a 32-pin, 7 x 7 mm low-profile quad flat package.
Note:
See list of notes in the notes section.
Figure 40. LQFP32 – Outline(15)
SECTION A-A
GAUGE PLANE
B
B
H
L
S
R1
R2
SECTION B-B
b
b1
c
c1
WITH PLATING
BASE METAL
1
3
2
(3)
E1
5V_LQFP32_ME_V1
BOTTOM VIEW
TOP VIEW
(6)
aaa C A-B D
4x N/4 TIPS
bbb H A-B D 4x
D 1/4
E 1/4
ddd
C A-B D
N
(12)
A2
(13)
(N – 4)x e
0.05
ccc C
A1
A
b
C
D 1/4
(3)
(4)
A
1
2
3
(10)
(2) (5)
D1
D
D (3)
(4)
(2)
(5)
E
(6)
A
A
(Section A-A)
B
E 1/4
E 1/4
(L1)
(2)
(11)
(9) (11)
(11)
(11)
(11)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com