Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-09003 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S-09003
Description  Phison Electronics Corporation USB 2.0 Flash Controller Specification
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-09003 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S-09003 Datasheet HTML 1Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 2Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 3Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 4Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 5Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 6Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 7Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 8Page - List of Unclassifed Manufacturers S-09003 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Phison Electronics Corporation
No.1, Qun Yi Road, Jhunan, Miaoli, Taiwan 350, R.O.C.
Tel : +886-37-586-896
Fax : +886-37-587-868
Page 2
DCC.:S-09003
B. Controller Features
²
Support Host Interfaces : USB 2.0 & 1.1 Interface
— Fully compatible with USB Specification Version 2.0 & 1.1
— High speed 480Mbit/second supporting
— Full speed 12Mbit/second supporting
— Support one CONTROL transfer, one INTERRUPT transfer and two BULK transfer
— Support four Endpoints :
Ø
Endpoint 0 : 64 Bytes CONTROL transfer
Ø
Endpoint 1 : 512 Bytes BULK transfer for IN transaction
Ø
Endpoint 2 : 512 Bytes BULK transfer for OUT transaction
Ø
Endpoint 3 : 64 Bytes INTERRUPT transfer for IN transaction
— Support Data Payload
Ø
Endpoint 0 : max 64 bytes
Ø
Endpoint 1 : max 512 bytes
Ø
Endpoint 2 : max 512 bytes
Ø
Endpoint 3 : max 64 bytes
— Support USB power saving mode
²
Build-In NAND Flash Memory Interface
— Build-in hardware ECC circuit.
— Support SLC (Single level cell) 2k-page large block NAND Flash.
— Support SLC (Single level cell) 4k-page large block NAND Flash.
— Support MLC (Multi level cell) 2k-page Large Block NAND flash.
— Support MLC (Multi level cell) 4k-page Large Block NAND flash.
— Support MLC (Multi level cell) 8k-page Large Block NAND flash.
²
Support 3.3V Flash I/O:
Internal 3.3V regulator can supply current for controller analog circuit, controller I/O and
Flash.
²
Support 1.8V Flash I/O:
Internal 1.8V regulator can supply the current for controller core, controller I/O and Flash.


Similar Part No. - S-09003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
   LCD BACK LIGHT, COG TYPE
S-00403G ETC1-S-00403G Datasheet
101Kb / 1P
   LCD BACK LIGHT, TAB TYPE
S-00406VG ETC1-S-00406VG Datasheet
105Kb / 1P
   LCD BACK LIGHT, COG TYPE
S-00808G ETC1-S-00808G Datasheet
101Kb / 1P
   LCD BACK LIGHT, TAB TYPE
logo
Johanson Technology Inc...
S-0402 JOHANSON-S-0402 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
More results

Similar Description - S-09003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS4043S ETC-PS4043S Datasheet
237Kb / 18P
   Phison flash memory controller PS4043S
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
logo
SMSC Corporation
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
   USB 2.0 FLASH MEDIA CONTROLLER
USB97C242 SMSC-USB97C242 Datasheet
164Kb / 22P
   USB 2.0 Flash Drive Controller
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
   USB 2.0 Flash Media Controller
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
   USB 2.0 Flash Card Reader Controller
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
   USB 2.0 Flash Card Reader Controller
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com