Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S+31DLC10D-C Datasheet(PDF) 6 Page - ATGBICS by Approved Technology

Part # S+31DLC10D-C
Description  S31DLC10D MikroTik Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+31DLC10D-C Datasheet(HTML) 6 Page - ATGBICS by Approved Technology

Back Button S+31DLC10D-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 3Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 4Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 5Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 6Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 7Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 8Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 9Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 10Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_SFPP-10G-LR-C_V1
Page 6 of
10
Product Datasheet
SFP Module EEPROM Information and Management
The SFP modules implement the 2-wire serial communication protocol as defined in the SFP -8472. The
serial ID information of the SFP modules and Digital Diagnostic Monitor parameters can be accessed
through the I2C interface at address A0h and A2h. The memory is mapped in Table 1. Detailed ID
information (A0h) is listed in Table 2. And the DDM specification at address A2h. For more details of the
memory map and byte definitions, please refer to the SFF-8472, “Digital Diagnostic Monitoring Interface for
Optical Transceivers”. The DDM parameters have been internally calibrated.
Table 1- Digital Diagnostic Memory Map (Specific Data Field Descriptions)


Similar Description - S+31DLC10D-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
   SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
   QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFPP-LR-C ATGBICS-SFPP-LR-C Datasheet
569Kb / 10P
   SFPP-LR Fujitsu Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
   SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
   10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP+KT-LR-C ATGBICS-SFP+KT-LR-C Datasheet
366Kb / 10P
   SFPKT-LR NetOptics Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP10G-LR-C ATGBICS-SFP10G-LR-C Datasheet
367Kb / 10P
   SFP10G-LR ZyXEL Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
ET5402-LR-C ATGBICS-ET5402-LR-C Datasheet
569Kb / 10P
   ET5402-LR Edgecore Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
45W4264-C ATGBICS-45W4264-C Datasheet
569Kb / 10P
   45W4264 IBM Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
LE0M0XS1DD-C ATGBICS-LE0M0XS1DD-C Datasheet
569Kb / 10P
   LE0M0XS1DD Huawei Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com