Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S+31DLC10D-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # S+31DLC10D-C
Description  S31DLC10D MikroTik Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+31DLC10D-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  S+31DLC10D-C Datasheet HTML 1Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 3Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 4Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 5Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 6Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 7Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 8Page - ATGBICS by Approved Technology S+31DLC10D-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_SFPP-10G-LR-C_V1
Page 1 of
10
Product Datasheet
S+31DLC10D-C
MikroTik® Compatible 10Gb/s SFP+ LR Transceiver
Hot Pluggable, Duplex LC, +3.3V, 1310nm, DFB-LD SMF 10km LC DDM
FEATURES
Supports 9.95 to 11.3Gb/s bit rates
Hot-Pluggable
Duplex LC connector
1310nm DFB transmitter, PIN photo-detector
SMF links up to 10km
2-wire interface for management specifications compliant with SFF 8472 digital diagnostic
monitoring interface
Power Supply: +3.3V
Power consumption<1.5W
Commercial Temperature Range: 0~ 70°C
RoHS compliant
APPLICATIONS
10GBASE-LR/LW Ethernet
SONET OC-192 / SDH
10G Fibre Channel
DESCRIPTION
ATGBICS® Compatible S+31DLC10D-Cis a very compact 10Gb/s optical transceiver module for serial
optical communication applications at 10Gb/s. The AT-SP10LR converts a 10Gb/s serial electrical data
stream to 10Gb/s optical output signal and a 10Gb/s optical input signal to 10Gb/s serial electrical data
streams. The high speed 10Gb/s electrical interface is fully compliant with SFI specification.
The high performance 1310nm DFB transmitter and high sensitivity PIN receiver provide superior
performance for Ethernet applications at up to 10km links.
The SFP+ Module compliant with SFF-8431, SFF-8432 and IEEE 802.3ae 10GBASE-LR. Digital
diagnostics functions are available via a 2-wire serial interface, as specified in SFF-8472.
The fully SFP compliant form factor provides hot pluggability, easy optical port upgrades and low EMI
emission.


Similar Description - S+31DLC10D-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
   SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
QFX-10GBASE-LR-C ATGBICS-QFX-10GBASE-LR-C Datasheet
367Kb / 10P
   QFX-10GBASE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFPP-LR-C ATGBICS-SFPP-LR-C Datasheet
569Kb / 10P
   SFPP-LR Fujitsu Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
   SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
   10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP+KT-LR-C ATGBICS-SFP+KT-LR-C Datasheet
366Kb / 10P
   SFPKT-LR NetOptics Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP10G-LR-C ATGBICS-SFP10G-LR-C Datasheet
367Kb / 10P
   SFP10G-LR ZyXEL Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
ET5402-LR-C ATGBICS-ET5402-LR-C Datasheet
569Kb / 10P
   ET5402-LR Edgecore Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
45W4264-C ATGBICS-45W4264-C Datasheet
569Kb / 10P
   45W4264 IBM Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
LE0M0XS1DD-C ATGBICS-LE0M0XS1DD-C Datasheet
569Kb / 10P
   LE0M0XS1DD Huawei Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com