Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S+DA0002-C Datasheet(PDF) 3 Page - ATGBICS by Approved Technology

Part # S+DA0002-C
Description  SDA0002 Mikrotik Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

S+DA0002-C Datasheet(HTML) 3 Page - ATGBICS by Approved Technology

  S+DA0002-C Datasheet HTML 1Page - ATGBICS by Approved Technology S+DA0002-C Datasheet HTML 2Page - ATGBICS by Approved Technology S+DA0002-C Datasheet HTML 3Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ S+DA0002-C_V1 Page 3 of 3
Product Datasheet
Physical Data
Parameter
Description
30AWG
24AWG
Units
Cable Diameter
OD
4.5
6.5
mm
Bend Radius
Minimum Sustained
Bend
25
35
mm
AWG Information
Reach @ 10Gb/s (m)
AWG
0.5
30
1
30
3
30
5
24
7
24
10
24
Mechanical Information


Similar Description - S+DA0002-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SPLUSDA0001-C ATGBICS-SPLUSDA0001-C Datasheet
151Kb / 3P
   SPLUSDA0001 MikroTik Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
DAC-SFP-10G-2M-C ATGBICS-DAC-SFP-10G-2M-C Datasheet
152Kb / 3P
   DAC-SFP-10G-2M Dell Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
CAB-SFP-2M-C ATGBICS-CAB-SFP-2M-C Datasheet
151Kb / 3P
   CAB-SFP-2M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
SFP-10G-CU2M-C ATGBICS-SFP-10G-CU2M-C Datasheet
152Kb / 3P
   SFP-10G-CU2M Huawei Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
SFP-TWNACT-2M-C ATGBICS-SFP-TWNACT-2M-C Datasheet
152Kb / 3P
   SFP-TWNACT-2M EMC Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
00AY765-C ATGBICS-00AY765-C Datasheet
152Kb / 3P
   00AY765 IBM Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
JD096B-C ATGBICS-JD096B-C Datasheet
152Kb / 3P
   JD096B H3C Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
XDACBL2M-C ATGBICS-XDACBL2M-C Datasheet
151Kb / 3P
   XDACBL2M Intel Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
1710484F2-C ATGBICS-1710484F2-C Datasheet
152Kb / 3P
   1710484F2 AdTran Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
CAB-SFP-SFP-2M-C ATGBICS-CAB-SFP-SFP-2M-C Datasheet
151Kb / 3P
   CAB-SFP-SFP-2M Arista Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com