Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H757II Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32H757II
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757II Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32H757II Datasheet HTML 121Page - STMicroelectronics STM32H757II Datasheet HTML 122Page - STMicroelectronics STM32H757II Datasheet HTML 123Page - STMicroelectronics STM32H757II Datasheet HTML 124Page - STMicroelectronics STM32H757II Datasheet HTML 125Page - STMicroelectronics STM32H757II Datasheet HTML 126Page - STMicroelectronics STM32H757II Datasheet HTML 127Page - STMicroelectronics STM32H757II Datasheet HTML 128Page - STMicroelectronics STM32H757II Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 251 page
background image
DS12931 Rev 1
125/251
STM32H757xI
Electrical characteristics
230
Table 44. Typical and maximum current consumption in Stop, SMPS regulator(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
Tj=25°C
Tj=85°C
Tj=105
°C
Tj=125
°C
IDD (Stop)
D1 Stop,
D2 Stop,
D3 Stop
Flash
OFF, no
IWDG
SVOS5
0.36
1.73
11.91
21.53
-
mA
SVOS4
0.63
3.05
19.57
33.51
-
SVOS3
1.00
4.98
29.11
47.13
68.76
Flash
ON, no
IWDG
SVOS5
0.36
1.73
11.91
21.53
-
SVOS4
0.73
3.18
19.74
33.72
-
SVOS3
1.11
5.09
29.31
47.40
69.14
D1 Stop,
D2 Standby,
D3 Stop
Flash
OFF, no
IWDG
SVOS5
0.25
1.24
8.21
14.00
-
SVOS4
0.46
2.21
14.01
22.94
-
SVOS3
0.73
3.57
19.62
32.80
49.24
Flash
ON, no
IWDG
SVOS5
0.25
1.24
8.21
14.00
-
SVOS4
0.55
2.34
14.15
23.15
-
SVOS3
0.83
3.67
19.81
32.99
49.55
D1 Standby,
D2 Stop,
D3 Stop
Flash
OFF, no
IWDG
SVOS5
0.15
0.67
4.51
7.85
-
SVOS4
0.26
1.17
7.21
12.32
-
SVOS3
0.40
1.90
10.57
17.12
26.97
D1 Standby,
D2 Standby,
D3 Stop
Flash
ON, no
IWDG
SVOS5
0.06
0.20
1.18
2.05
-
µA
SVOS4
0.08
0.33
1.90
3.11
-
SVOS3
0.13
0.54
2.80
4.47
6.77
1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption
and typical SMPS efficiency factors
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com