Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

519-036-000-340 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 519-036-000-340
Description  519 Series Rack and Panel Connectors | Available in 14 and 36 positions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

519-036-000-340 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  519-036-000-340 Datasheet HTML 1Page - EDAC, All Rights Reserved. 519-036-000-340 Datasheet HTML 2Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.edac.net
customerservice@edac.net
Features:
Specifications:
Contact Code:
Description:
Tail Size:
Tail Length "G":
000
No Contacts Assembled
------------
------------
500
Wire Hole
.110 x .024 (2.79 x 0.61)
.245 (6.22)
501
Taper Tail
.110 x .024 (2.79 x 0.61)
.245 (6.22)
520
P.C. Tail
.025 x .024 (0.64 x 0.61)
.215 (5.46)
540
Wire Wrap
.050 x .024 (1.27 x 0.61)
.600 (15.24)
541
Wire Wrap
.026 x .024 (0.66 x 0.61)
.620 (15.70)
542
Wire Wrap
.050 x .024 (1.27 x 0.61)
.790 (20.07)
Series:
519
Total Number of Contacts:
014, 036
Insulator Material
Polycarbonate UL 94V-0
Color
Grey
Contact Material
Copper Alloy
Contact Plating
Gold Plating over Nickel over entire contact
Current Rating
8.5 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
2000 V AC rms at sea level
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-40°C to +105°C
Insertion & Withdrawal Force
2 to 16 oz (0.56 to 4.45N) per contact position
0.150” (3.81mm) contact spacing x 0.150” (3.81mm) row spacing suitable for automatic wire wrapping
Plug and receptacle in 14 or 36 contact sizes
Edacon hermaphroditic contact mating design
Contact termination options include crimp, P.C. tail, wire hole and wire wrap
Mating and unmating simplified with use of actuating screws
Optional covers with side or top entry cable clamp in plastic or metal material available for all connector sizes
Versatile metal cover design permits assembly or disassembly after cabling is complete plus cable entry style flexibility
Actuating screws, locknuts, polarizing hardware, covers and contacts suitable for either plug or receptacle
Polarizing hardware adjustable for 288 mating combinations
Tools available for contact installation, removal, crimping and polarizing changes
RoHS Compliant
Rack And Panel Connectors
519 SERIES
519-036-500-301
Series
Contact Code
Example Part Number:
Cover Code
Hardware Code
Total Number of Contacts
Connector style
Connector Style:
Style:
3
Plug
4
Receptacle
Cover Code
1, 2, 3, 4:
Description:
0
No Cover Assembled
1
Plastic Cover, Top Entry
Standard Clamp
2
Plastic Cover, Side Entry
Standard Clamp
3
Plastic Cover, Top Entry Large
Clamp
4
Plastic Cover, Side Entry Large
Clamp
5
Metal Cover, Side Entry
6
Metal Cover, Top Entry
Hardware Code
5:
Description:
0
No Hardware
1
Actuating Screw & Polarizing Hardware
2
Locknut & Polarizing Hardware
5
Actuating Screw with No Polarizing Hardware
6
Locknut with No Polarizing Hardware
Ordering Code Notes:
1) The 14 pin connector cover will not accept the length of wire wrap contacts.
2) Plastic covers with large clamps are only available for 36 Pin size connectors.
3) Metal covers with side entry may be converted to top entry by removing side plate and changing clamp orientation.
4) Covers may be ordered separately.
5) Insulator design prevents improper mating of individual plug and receptacle. Polarizing hardware enables specific plug and receptacle combinations.


Similar Part No. - 519-036-000-340

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
519-036-000-340 EDAC-519-036-000-340 Datasheet
138Kb / 4P
519 Series,Rack and Panel Connectors | Available in 14 and 36 positions
More results

Similar Description - 519-036-000-340

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
516-020-000-202 EDAC-516-020-000-202 Datasheet
176Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-210 EDAC-516-020-000-210 Datasheet
170Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-211 EDAC-516-020-000-211 Datasheet
188Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-261 EDAC-516-020-000-261 Datasheet
180Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-401 EDAC-516-020-000-401 Datasheet
195Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-000-412 EDAC-516-020-000-412 Datasheet
171Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-501-211 EDAC-516-020-501-211 Datasheet
191Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-020-501-315 EDAC-516-020-501-315 Datasheet
190Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-038-500-526 EDAC-516-038-500-526 Datasheet
171Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
516-038-500-611 EDAC-516-038-500-611 Datasheet
183Kb / 4P
516 Series,Rack and Panel Connectors | Available in 20, 38, 56, 90, and 120 positions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com