Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61NVP102418-200B3 Datasheet(PDF) 29 Page - Integrated Silicon Solution, Inc

Part # IS61NVP102418-200B3
Description  256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVP102418-200B3 Datasheet(HTML) 29 Page - Integrated Silicon Solution, Inc

Back Button IS61NVP102418-200B3 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 33Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
29
Rev. G
07/10/06
IS61NLP25672/IS61NVP25672
IS61NLP51236/IS61NVP51236
IS61NLP102418/IS61NVP102418
ISSI®
165 PBGA BOUNDARY SCAN ORDER (x 36)
Signal Bump
Signal
Bump
Signal
Bump
Signal
Bump
Bit #
Name
ID
Bit #
Name
ID
Bit #
Name
ID
Bit #
Name
ID
1
MODE
1R
21
DQb
11G
41
NC
1A
61
DQd
1J
2
NC
6N
22
DQb
11F
42
CE2
6A
62
DQd
1K
3
NC
11P
23
DQb
11E
43
BWa
5B
63
DQd
1L
4
A
8P
24
DQb
11D
44
BWb
5A
64
DQd
1M
5
A
8R
25
DQb
10G
45
BWc
4A
65
DQd
2J
6
A
9R
26
DQb
10F
46
BWd
4B
66
DQd
2K
7
A
9P
27
DQb
10E
47
CE2
3B
67
DQd
2L
8
A
10P
28
DQb
10D
48
CE
3A
68
DQd
2M
9
A
10R
29
DQb
11C
49
A
2A
69
DQd
1N
10
A
11R
30
NC
11A
50
A
2B
70
A
3P
11
ZZ
11H
31
A
10A
51
NC
1B
71
A
3R
12
DQa
11N
32
A
10B
52
DQc
1C
72
A
4R
13
DQa
11M
33
A
9A
53
DQc
1D
73
A
4P
14
DQa
11L
34
A
9B
54
DQc
1E
74
A1
6P
15
DQa
11K
35
ADV
8A
55
DQc
1F
75
A0
6R
16
DQa
11J
36
OE
8B
56
DQc
1G
17
DQa
10M
37
CKE
7A
57
DQc
2D
18
DQa
10L
38
WE
7B
58
DQc
2E
19
DQa
10K
39
CLK
6B
59
DQc
2F
20
DQa
10J
40
NC
11B
60
DQc
2G


Similar Part No. - IS61NVP102418-200B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP102418-200B3 ISSI-IS61NVP102418-200B3 Datasheet
701Kb / 37P
256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE NO WAIT STATE BUS SRAM
O 09/19/2011
IS61NVP102418-200B3I ISSI-IS61NVP102418-200B3I Datasheet
701Kb / 37P
256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE NO WAIT STATE BUS SRAM
O 09/19/2011
More results

Similar Description - IS61NVP102418-200B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com