Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61NVP102418-200B3 Datasheet(PDF) 31 Page - Integrated Silicon Solution, Inc

Part # IS61NVP102418-200B3
Description  256K x 72, 512K x 36 and 1M x 18 18Mb, PIPELINE (NO WAIT) STATE BUS SRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61NVP102418-200B3 Datasheet(HTML) 31 Page - Integrated Silicon Solution, Inc

Back Button IS61NVP102418-200B3 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS61NVP102418-200B3 Datasheet HTML 35Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
31
Rev. G
07/10/06
IS61NLP25672/IS61NVP25672
IS61NLP51236/IS61NVP51236
IS61NLP102418/IS61NVP102418
ISSI®
ORDERING INFORMATION (3.3V core/2.5V- 3.3V I/O)
Commercial Range: 0°C to +70°C
Configuration
Access Time
Order Part Number
Package
256Kx72
250
IS61NLP25672-250B1
209 PBGA
200
IS61NLP25672-200B1
209 PBGA
512Kx36
250
IS61NLP51236-250TQ
100 TQFP
IS61NLP51236-250B3
165 PBGA
200
IS61NLP51236-200TQ
100 TQFP
IS61NLP51236-200B3
165 PBGA
1Mx18
250
IS61NLP102418-250TQ
100 TQFP
IS61NLP102418-250B3
165 PBGA
200
IS61NLP102418-200TQ
100 TQFP
IS61NLP102418-200B3
165 PBGA
Industrial Range: -40°C to +85°C
Configuration
Access Time
Order Part Number
Package
256Kx72
250
IS61NLP25672-250B1I
209 PBGA
200
IS61NLP25672-200B1I
209 PBGA
512Kx36
250
IS61NLP51236-250TQI
100 TQFP
IS61NLP51236-250TQLI
100 TQFP, Lead-free
IS61NLP51236-250B3I
165 PBGA
200
IS61NLP51236-200TQI
100 TQFP
IS61NLP51236-200TQLI
100 TQFP, Lead-free
IS61NLP51236-200B3I
165 PBGA
IS61NLP51236-200B3LI
165 PBGA, Lead-free
1Mx18
250
IS61NLP102418-250TQI
100 TQFP
IS61NLP102418-250B3I
165 PBGA
200
IS61NLP102418-200TQI
100 TQFP
IS61NLP102418-200B3I
165 PBGA


Similar Part No. - IS61NVP102418-200B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVP102436A ISSI-IS61NVP102436A Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NVP102436A-166B3 ISSI-IS61NVP102436A-166B3 Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NVP102436A-166B3I ISSI-IS61NVP102436A-166B3I Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NVP102436A-166TQ ISSI-IS61NVP102436A-166TQ Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
IS61NVP102436A-166TQI ISSI-IS61NVP102436A-166TQI Datasheet
228Kb / 22P
   1Mb x 36 and 2Mb x 18 STATE BUS SRAM
More results

Similar Description - IS61NVP102418-200B3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61NVVP25672 ISSI-IS61NVVP25672 Datasheet
160Kb / 29P
   256K x 72 and 512K x 36, 18Mb PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25672 ISSI-IS61NLF25672 Datasheet
251Kb / 35P
   256K x 72, 512K x 36 and 1M x 18 18Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
IS61NP25632 ISSI-IS61NP25632 Datasheet
157Kb / 20P
   256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM
IS61NLP25636A ISSI-IS61NLP25636A Datasheet
261Kb / 37P
   256K x 36 and 512K x 18 9Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLP12832A ISSI-IS61NLP12832A Datasheet
200Kb / 29P
   128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF25636A ISSI-IS61NLF25636A Datasheet
236Kb / 37P
   256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
IS61NLP6432A ISSI-IS61NLP6432A Datasheet
130Kb / 21P
   64K x 32, 64K x 36, and 128K x 18 2Mb, PIPELINE (NO WAIT) STATE BUS SRAM
IS61NLF12836A ISSI-IS61NLF12836A Datasheet
194Kb / 27P
   128K x 36 and 256K x 18 4Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com