Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E Datasheet(PDF) 12 Page - C&K Components

Part # E
Description  Sealed Miniature Rocker and Lever Handle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E Datasheet(HTML) 12 Page - C&K Components

Back Button E Datasheet HTML 6Page - C&K Components E Datasheet HTML 7Page - C&K Components E Datasheet HTML 8Page - C&K Components E Datasheet HTML 9Page - C&K Components E Datasheet HTML 10Page - C&K Components E Datasheet HTML 11Page - C&K Components E Datasheet HTML 12Page - C&K Components E Datasheet HTML 13Page - C&K Components E Datasheet HTML 14Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
G
G–37
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
15 Jan 21
E Series
Sealed Miniature Rocker and Lever Handle Switches
CONTACT MATERIAL
SEAL
AVAILABLE HARDWARE
J2, J21 Actuators
PART NO.
760502263 BLACK
760503000 RED
Material: Nylon
Finish: Matte
J50 Actuator
PART NO.
775A02263 BLACK
775A03000 RED
Material: Nylon
Finish: Matte
J60 Actuator
PART NO.
613802263 BLACK
598103000 RED
Material: Nylon
Finish: Matte
J90 Actuator
PART NO.
598002263 BLACK
598003000 RED
Material: Nylon
Finish: Matte
J3 Actuator
PART NO.
766602263 BLACK
766603000 RED
Material: Nylon
Finish: Matte
J1, J11 Actuators
PART NO.
776A02263 BLACK
776A03000 RED
Material: Nylon
Finish: Matte
NOTE: Additional nuts, screws and lockwashers available separately, see Technical Data section of this catalog.
Other colors available, consult Customer Service Center.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACT & ALL TERMINALS: Copper alloy, with gold flash over silver
plate. Or copper alloy, silver plated.
6 TERMINALS: Copper alloy, with matte-tin over nickel plate.
NOTE: Any models supplied with Q, B, G, S P & R contact material are RoHS compliant.
All models
with all options when ordered with G, Q, S & R contact material.
B contact material standard with all terminations.
P R & S contact materials not available with Z terminations.
E  EPOXY SEAL
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATINGS
SILVER 5
MATTE-TIN 6
GOLD 1
SILVER 4,5
GOLD OVER
SILVER 2,3
GOLD 3
MATTE-TIN 6
GOLD 1
MATTE-TIN 7
LOW LEVEL/
DRY CIRCUIT
POWER
LOW LEVEL/DRY
CIRCUIT OR POWER
0.4 VA MAX. @ 20 V AC OR DC MAX.
E1XX & E2XX MODELS: 7.5 AMPS @125 V AC OR 28 V DC; 3 AMPS @250 V AC.
E3XX MODELS: 5 AMPS @ 125 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
E1XX AND E2XX MODELS: 0.4 VA MAX @20 V AC OR DC MAX. OR
7.5 AMPS @125 V AC OR 28 V DC; 3 AMPS @ 250 V AC.
DC E3XX MODELS: 0.4 VA MAX. @ 20 V AC OR DC MAX. OR 5 AMPS @
125 V AC OR 28 V DC; 2 AMPS @ 250 V AC.
B
P
Q
S
G
R


Similar Description - E

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
Sealed Miniature Rocker and Lever Handle Switches
7201J1A3QE2 CK-COMPONENTS-7201J1A3QE2 Datasheet
1Mb / 22P
Miniature Rocker & Lever Handle Switches
U11J26ZQE22 CK-COMPONENTS-U11J26ZQE22 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
Sealed Miniature Rocker and Lever Handle Switches
U15J51ZQE12 CK-COMPONENTS-U15J51ZQE12 Datasheet
1Mb / 22P
Miniature Rocker & Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
Sealed Miniature Rocker and Lever Handle Switches
U411J37ZGE22 CK-COMPONENTS-U411J37ZGE22 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
7000 CK-COMPONENTS-7000_V01 Datasheet
3Mb / 22P
Miniature Rocker & Lever Handle Switches
2021
7000ROCKER CK-COMPONENTS-7000ROCKER Datasheet
3Mb / 22P
Miniature Rocker & Lever Handle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com