Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT2210 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SPT2210
Description  Y/C VIDEO ENCODER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT2210 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SPT2210 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT2210 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 2 page
background image
SPT
7
8/22/00
SPT2210
RS_ Pin
This is the register select input pin (TTL level). The D7...0
pins operate as either address or data registers (except
when operating as external setting pins). The RS_ pin
determines the mode in which D7...0 will operate. When
RS_ is low the D7...0 bus is switched to the address bus
mode, and when it is high the bus is switched to the data
bus mode. The RS_ pin is also used as an external pin in
the external pin mode. Refer to the External Setting Pin
Descriptions section for more details.
RD_ Pin
This is the read enable input pin (TTL level). The data on
D7...0 is read out of the SPT2210 on the leading edge of
a high-to-low transition of RD_. If RS_ is high, the data is
read from the internal register specified by the last ad-
dress write. If RS_ is low, the current address value is
read from the address register. The RD_ pin is also used
in enabling the external pin mode. Refer to the External
Setting Pin Descriptions section for more details.
WR_ Pin
This is the write enable input pin (TTL level). The data on
D7...0 is written into the address or command register on
the leading edge of a high-to-low transition of RD_. If RS_
is high, the data is written into the internal command reg-
ister specified by the last address write. If RS_ is low, the
data is written into the address register. The WR_ pin is
also used in enabling the external pin mode. Refer to the
External Setting Pin Descriptions section for more
details.
Reset Pin
This is the reset input pin (TTL level). The reset input is
sampled on the leading edge of the system clock (CLK).
The SPT2210 is initialized by holding the RESET_ pin
low for a minimum of five clock cycles. The SPT2210 will
come out of reset five clock cycles after the RESET_ pin
has been brought back high.
CLK Pin
This is the system clock input pin (TTL level). The
YD7...0, CD7...0, GD3...0, BLANK_, V, H, Field and KEY
pins are all sampled on the rising edge of the CLK signal.
Additionally, when an asynchronous access from the
MPU is processed, the access is synchronized with this
clock and then the processing is carried out.
When the clock is switched over to another operating
frequency (i.e., changing video modes), the SPT2210
should be reset once to ensure proper operation. In this
case, the command registers will need to be set again.
VDD Pins
These are the +3.3 V power supply pins for the digital
circuitry.
AVDD Pins
These are the +3.3 V power supply pins for the analog
circuitry. VDD and AVDD are completely independent
of each other. Be sure to keep the following operating
condition:
| VDD – AVDD | ≤ 0.5 V.
GND Pins
These are the ground pins for the digital circuitry.
AGND Pins
These are the ground pins for the analog circuitry. Since
GND and AGND are completely independent of each
other, it is necessary to keep them at the same electric
potential by externally tying them together through a
ferrite bead.
Internal Pullup and Pulldown Resistors
The following pins are either pulled up or down with an
internal resistor of approximately 100 k
Ω:
Pins with internal pulldown: CD7...0, YD7...0, GD3...0,
KEY, VRTENB, TEST, SUSPEND.
Pins with internal pullup: RESET_, BLANK_, V, H, CS_,
RD_, WR_, D7...0, CBF, RS, CLK.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com