Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705RC17GRS/D Datasheet(PDF) 120 Page - NXP Semiconductors

Part # HC705RC17GRS/D
Description  The MC68HC705RC17 is a general-purpose, low-cost addition to the M68HC05 Family of microcontroller units (MCUs) and is suitable for remote control applications.
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705RC17GRS/D Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button HC705RC17GRS/D Datasheet HTML 116Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 117Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 118Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 119Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 120Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 121Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 122Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 123Page - NXP Semiconductors HC705RC17GRS/D Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 126 page
background image
Electrical Specifications
General Release Specification
MC68HC705RC17 — Rev. 2.0
Electrical Specifications
13.8 Control Timing (3.3 Vdc and 5.0 Vdc)
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Assumes use of 32.768-kHz Crystal Only
fOSC
32.768
32.768
kHz
Internal Operating Frequency
Assumes use of 32.768-kHz Crystal Only
fOP = fOSC ÷2 if PLL is NOT Driving Internal Bus
fOP = 32.768 kHz x N, where N = 16, 32, or 64 (Selectable)
and PLL is Driving Internal Bus
fOP
—
0.524
16.384
2.097
kHz
MHz
Cycle Time
Assumes fOP = 2.097 MHz
tCYC
480
—
ns
Crystal Oscillator Startup Time
Assumes fOP = 2.097 MHz)
tOXOV
—
100
ms
Stop Recovery Startup Time (Crystal Oscillator)
Assumes fOP = 2.097 MHz)
tILCH
—
100
ms
RESET Pulse Width
Assumes fOP = 2.097 MHz)
tRL
1.5
—
tCYC
Interrupt Pulse Width Low (Edge-Triggered)
Assumes fOP = 2.097 MHz)
tILIH
125
—
ns
Interrupt Pulse Period
Assumes fOP = 2.097 MHz)
tILIL
Note 2
—
tCYC
OSC1 Pulse Width
tOH, tOL
90
—
ns
EPROM Byte Programming Time
tEPGM
—
10.0
ms
NOTES:
1.
VDD = 3.0 to 5.5 Vdc ± 10%, VSS = 0 Vdc, TA = 0 °C to +70 °C, unless otherwise noted
2.
The minimum period, t
ILIL, should not be less than the number of cycle times it takes to execute the interrupt service
routine plus 2T t
CYC.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com