Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F101LEDXXXSP Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # R5F101LEDXXXSP
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101LEDXXXSP Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button R5F101LEDXXXSP Datasheet HTML 172Page - Renesas Technology Corp R5F101LEDXXXSP Datasheet HTML 173Page - Renesas Technology Corp R5F101LEDXXXSP Datasheet HTML 174Page - Renesas Technology Corp R5F101LEDXXXSP Datasheet HTML 175Page - Renesas Technology Corp R5F101LEDXXXSP Datasheet HTML 176Page - Renesas Technology Corp R5F101LEDXXXSP Datasheet HTML 177Page - Renesas Technology Corp R5F101LEDXXXSP Datasheet HTML 178Page - Renesas Technology Corp R5F101LEDXXXSP Datasheet HTML 179Page - Renesas Technology Corp R5F101LEDXXXSP Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 207 page
background image
RL78/G13
4. PACKAGE DRAWINGS
R01DS0131EJ0350 Rev.3.50
176 of 200
Jun 30, 2020
4.3 25-pin Package
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-WFLGA25-3x3-0.50
PWLG0025KA-A
P25FC-50-2N2-2
0.01
(APERTURE OF
SOLDER RESIST)
ITEM
DIMENSIONS
D
E
w
e
A
b
x
y
y1
ZD
ZE
3.00
±0.10
3.00
±0.10
0.05
0.20
0.69
±0.07
0.08
0.50
0.24
±0.05
(UNIT:mm)
0.20
0.50
0.50
S
y1
S
A
S
DETAIL OF C PART
y
S
x
21x b
B
M
e
b
0.34
±0.05
0.43
±0.05
0.50
±0.05
0.365
±0.05
R0.17
±0.05
R0.165
±0.05
R0.215
±0.05
0.365
±0.05
0.50
±0.05
0.33
±0.05
0.43
±0.05
B
S
w
ZD
ZE
INDEX MARK
B
C
A
SA
w
D
E
2.27
2.27
DETAIL OF D PART
D
1
2
ED
CB
A
3
4
5
(LAND PAD)
R0.12
±0.05 0.33±0.05
INDEX MARK
2012 Renesas Electronics Corporation. All rights reserved .
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com