Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5CAARCH-RM/D Datasheet(PDF) 110 Page - NXP Semiconductors

Part # M5CAARCH-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M5CAARCH-RM/D Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button M5CAARCH-RM/D Datasheet HTML 106Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 107Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 108Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 109Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 110Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 111Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 112Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 113Page - NXP Semiconductors M5CAARCH-RM/D Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 110 / 114 page
background image
110
INDEX
C
Fabric Processor Timing 94
Gigabit Ethernet (TBI) Timing 85
Low Speed Serial Interface Timing 92
MDIO Serial Interface Timing 91
OC-3 Timing 87
PCI Timing 89
Pinout 28
PROM Interface 45
PROM Interface Timing 93
QMU Timing 99
Signal Groups in BMU Timing 97
Signal Groups in QMU Timing 100
Signal Groups in TLU Timing 98
System Clock Timing 82
TLU Timing 98
Diagram, Block
C-5e Network Processor 20
DS1/DS3 Ethernet Timing Description 84
DS1/DS3 Ethernet Timing Diagram 83
DS1/DS3 Timing Specifications 83
DS1/T1 Framer Interface Configuration 34
DS1/T1 Framer Interface Signals 34
E
Electrical Specifications 73
Absolute Maximum Ratings 73
Executive Processor 23
PCI 23
PROM Interface 24
Serial Bus Interface 23
System Interface Signals 42
System Interfaces 23
Executive Processor Timing Specifications 89
F
Fabric Interface Pin Mapping
CSIX-L1 Mode 51
Power X(CSIX-L0) Mode 50
PRIZMA Mode 50
Utopia2/Utopia3 ATM Mode 49
Utopia2/Utopia3 PHY Mode 49
Fabric Processor 24
Fabric Processor Interface Signals 48
Fabric Processor Timing Description 95
Fabric Processor Timing Diagram 94
Fabric Processor Timing Specifications 94
Functional Description 19
G
General System Interface Signal 47
Gigabit Ethernet (GMII) Configuration 35
Gigabit Ethernet (GMII) Signals
One Cluster Example 36
Gigabit Ethernet (TBI) Timing Description 86, 86
Gigabit Ethernet (TBI) Timing Diagram 85
Gigabit Ethernet and FibreChannel TBI Configuration 38
Gigabit Ethernet and FibreChannel TBI Signals
Example 38
Gigabit GMII Ethernet, TBI and MII Interface Timing Specification 85
GMII/TBI Transmit and Receive Pin Configurations 36
I
IDcode Register 71
Instruction Register Instructions 71
J
JTAG Data Registers 69
JTAG Identification Code and Its Sub-components 71
JTAG Instruction Register 71
JTAG Internal Register Descriptions 69
JTAG Support
Pinouts 69
L
Low Speed Serial Interface Timing Description 92
Low Speed Serial Interface Timing Diagram 92
Low Speed Serial Interface Timing Specifications 92
LVPECL Specifications 30
LVTTL Specifications 30
M
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com