Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3AI Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32H7B3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3AI Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32H7B3AI Datasheet HTML 98Page - STMicroelectronics STM32H7B3AI Datasheet HTML 99Page - STMicroelectronics STM32H7B3AI Datasheet HTML 100Page - STMicroelectronics STM32H7B3AI Datasheet HTML 101Page - STMicroelectronics STM32H7B3AI Datasheet HTML 102Page - STMicroelectronics STM32H7B3AI Datasheet HTML 103Page - STMicroelectronics STM32H7B3AI Datasheet HTML 104Page - STMicroelectronics STM32H7B3AI Datasheet HTML 105Page - STMicroelectronics STM32H7B3AI Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 238 page
background image
Peripheral
IDD(Typ)
Unit
VOS0
VOS1
VOS2
VOS3
AHB2
DCMI
µA/MHz
5.00
4.60
4.20
3.90
HSEM
0.10
0.10
0.10
0.10
RNG registers
1.50
1.40
1.20
1.10
RNG kernel
10.00
9.70
9.50
9.20
SDMMC2 registers
6.80
6.30
5.70
5.20
SDMMC2 kernel
2.30
2.10
1.90
1.70
BDMA1
1.70
1.60
1.50
1.30
AHBSRAM1
0.70
0.70
0.60
0.60
AHBSRAM2
0.70
0.60
0.60
0.50
Bridge
9.10
8.40
7.70
7.00
AHB4
GPIOA
2.00
1.80
1.70
1.50
GPIOB
1.80
1.70
1.50
1.40
GPIOC
2.00
1.80
1.70
1.50
GPIOD
2.00
1.80
1.70
1.50
GPIOE
1.90
1.80
1.60
1.50
GPIOF
1.90
1.80
1.60
1.50
GPIOG
2.00
1.80
1.70
1.50
GPIOH
1.90
1.80
1.60
1.50
GPIOI
1.90
1.80
1.60
1.50
GPIOJ
1.90
1.80
1.60
1.50
GPIOK
2.00
1.80
1.70
1.50
BDMA2
4.20
3.90
3.50
3.20
SRDSRAM
0.60
0.50
0.50
0.50
BKPRAM
0.80
0.70
0.70
0.60
IWDG
0.07
0.07
0.07
0.07
Bridge
0.10
0.10
0.10
0.10
APB3
LTDC
12.00
11.00
9.80
8.90
WWDG1
1.10
1.00
0.90
0.90
Bridge
0.10
0.10
0.10
0.10
APB1
TIM2
7.50
6.90
6.30
6.20
TIM3
6.30
5.90
5.40
4.90
TIM4
5.80
5.40
4.90
4.50
TIM5
7.20
6.70
6.10
5.60
TIM6
1.60
1.50
1.30
1.20
TIM7
1.60
1.40
1.30
1.20
TIM12
3.60
3.30
3.00
2.80
TIM13
2.80
2.60
2.40
2.10
TIM14
2.50
2.30
2.10
1.90
LPTIM1 registers
0.80
0.80
0.70
0.60
LPTIM1 kernel
2.20
2.00
1.80
1.70
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 102/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com