Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3AI Datasheet(PDF) 169 Page - STMicroelectronics

Part # STM32H7B3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3AI Datasheet(HTML) 169 Page - STMicroelectronics

Back Button STM32H7B3AI Datasheet HTML 165Page - STMicroelectronics STM32H7B3AI Datasheet HTML 166Page - STMicroelectronics STM32H7B3AI Datasheet HTML 167Page - STMicroelectronics STM32H7B3AI Datasheet HTML 168Page - STMicroelectronics STM32H7B3AI Datasheet HTML 169Page - STMicroelectronics STM32H7B3AI Datasheet HTML 170Page - STMicroelectronics STM32H7B3AI Datasheet HTML 171Page - STMicroelectronics STM32H7B3AI Datasheet HTML 172Page - STMicroelectronics STM32H7B3AI Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 238 page
background image
Symbol
Parameter
Condition
Min
Unit
fI2CCLK
I2CCLK frequency
Fast-mode Plus
Analog Filtre OFF, DNF=1
16
-
The SDA and SCL I/O requirements are met with the following restrictions:
•
The SDA and SCL I/O pins are not “true” open-drain. When configured as open-drain, the PMOS connected
between the I/O pin and VDDIOx is disabled, but still present.
•
The 20 mA output drive requirement in Fast-mode Plus is not supported. This limits the maximum load CLoad
supported in Fm+, which is given by these formulas:
tr(SDA/SCL)=0.8473xRPxCLoad
RP(min)= (VDD-VOL(max))/IOL(max)
Where RP is the I2C lines pull-up. Refer to Section 6.3.16 I/O port characteristics for the I2C I/Os characteristics.
All I2C SDA and SCL I/Os embed an analog filter. Refer to the table below for the analog filter characteristics:
Table 116. I2C analog filter characteristics
Symbol
Parameter
Min(1)
Max(1)
Unit
tAF
Maximum pulse width of spikes that are suppressed by analog filter
50(2)
260(3)
ns
1. Guaranteed by design.
2. Spikes whose width is lower than tAF(min) are filtered.
3. Spikes whose width is higer than tAF(max) are not filtered.
6.3.36.2
USART interface characteristics
Unless otherwise specified, the parameters given in Table 117 for USART are derived from tests performed under
the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 22. General
operating conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load CL = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
IO Compensation cell activated.
•
VOS level set to VOS0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output alternate function
characteristics (NSS, CK, TX, RX for USART).
Table 117. USART characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
Unit
fCK
USART clock frequency
Master mode
-
-
35
MHz
Slave receiver mode
93.0
Slave mode transmitter mode, 2.7 V < VDD < 3.6 V
29.0
Slave mode transmitter mode, 1.62 V < VDD < 3.6 V
22.0
tsu(NSS)
NSS setup time
Slave mode
tker+2
-
-
-
th(NSS)
NSS hold time
Slave mode
2
-
-
tw(SCKH), tw(SCKL)
CK high and low time
Master mode
1/fck/2−2 1/fck/2 1/fck/2+2
tsu(RX)
Data input setup time
Master mode
17
-
-
ns
Slave mode
1
-
-
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 169/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com