Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3AI Datasheet(PDF) 225 Page - STMicroelectronics

Part # STM32H7B3AI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3AI Datasheet(HTML) 225 Page - STMicroelectronics

Back Button STM32H7B3AI Datasheet HTML 221Page - STMicroelectronics STM32H7B3AI Datasheet HTML 222Page - STMicroelectronics STM32H7B3AI Datasheet HTML 223Page - STMicroelectronics STM32H7B3AI Datasheet HTML 224Page - STMicroelectronics STM32H7B3AI Datasheet HTML 225Page - STMicroelectronics STM32H7B3AI Datasheet HTML 226Page - STMicroelectronics STM32H7B3AI Datasheet HTML 227Page - STMicroelectronics STM32H7B3AI Datasheet HTML 228Page - STMicroelectronics STM32H7B3AI Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 238 page
background image
Date
Revision
Changes
Updated Figure 21. Power supply scheme. Added note to VREFINT in
Table 30. Embedded reference voltage.Added Table 33. Inrush current
and inrush electric charge characteristics for LDO and SMPS. Updated
Table 46. Low-power mode wakeup timings, Table 34. Typical and maximum
current consumption in Run mode, code with data processing running from ITCM,
regulator ON and Table 35. Typical and maximum current consumption in Run
mode, code with data processing running from flash memory, cache ON.
Updated Table 68. Output timing characteristics (HSLV OFF) and
Table 69. Output timing characteristics (HSLV ON).
Updated Table 62. ESD absolute maximum ratings.
Added notes related to performance degradation at VOS1 in Section 6.3.18 FMC
characteristics, Section 6.3.19 Octo-SPI interface characteristics,
Section 6.3.32 PSSI interface characteristics, Section 6.3.33 LCD-TFT controller
(LTDC) characteristics, Section 6.3.36.2 USART interface characteristics,
Section 6.3.36.3 SPI interface characteristics, Section 6.3.36.4 I2S Interface
characteristics, Section 6.3.36.5 SAI characteristics, Section 6.3.36.6 MDIO
characteristics, Section 6.3.36.7 SD/SDIO MMC card host interface
(SDMMC) characteristics, Section 6.3.36.9 USB OTG_HS characteristics
and Section 6.3.36.10 JTAG/SWD interface characteristics. Updated F(CLK)
measurement conditions in Table 90. OCTOSPI characteristics in SDR mode
and Table 91. OCTOSPI characteristics in DTR mode (with DQS)/Octal and
Hyperbus.
Added Figure 54. ADC conversion timing diagram.
Added Section 6.3.32 PSSI interface characteristics.
Updated Figure 66. USART timing diagram in Master mode and
Figure 67. USART timing diagram in Slave mode.
Added note related to ULPI transceivers operating at 1.8 V in
Table 125. Dynamics characteristics: USB ULPI.
21-Aug-2020
4
In Section 3.31 True random number generator (RNG), changed "random
number generator" in "true random number generator" and description updated.
In Section 5 Pin descriptions, swapped PA1 and PA2 balls in WLCSP132 ballout
schematic.
Added reference to application note AN4899 in Section 6.3.16 I/O port
characteristics.
Updated DuCyCKOUT in Table 108. DFSDM measured timing 1.62-3.6 V
Updated .
16-Sep-2020
5
Updated VDDMMC separate supply pad in Section 2 Description. Changed pin
88 connection to VDD in Figure LQFP100 (STM32H7B3xI with SMPS) pinout and
Table 7. STM32H7B3xI pin/ball definition. Changed VDD_MMC_4 into VDDMMC
in Table 7. STM32H7B3xI pin/ball definition.
Updated Figure 21. Power supply scheme and Section 6.3.2 VCAP external
capacitor.
Added VBAT in Section 6.3.1 General operating conditions.
Updated High-speed external user clock generated from an external source and
Low-speed external user clock generated from an external source.
Updated .
28-Sep-2020
6
Updated VHSEL maximum value in Table 47. High-speed external user clock
characteristics.
04-May-2021
7
Added indication that patents apply to the devices in Section Features.
Added reference to errata sheet in Section 1 Introduction.
Updated WKUP signals in Figure 1. STM32H7B3xI block diagram and in
Table 7. STM32H7B3xI pin/ball definition.
Updated Section 3.40 Serial peripheral interfaces (SPI)/integrated interchip
sound interfaces (I2S).
Added note to TRIM parameter in Table 52. HSI oscillator characteristics.
STM32H7B3xI
DS13139 - Rev 8
page 225/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com