Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 149Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 150Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 151Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 152Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 153Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 154Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 155Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 156Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 283 page
background image
Table 48. Static power consumption of flash banks, when supplied by LDO/SMPS
Symbol
Parameter
Typ
Max(1)
Unit
25°C
55°C
85°C 105°C 125°C
25°C
55°C
85°C 105°C 125°C
IDD
(Flash_Bank1)
(2)
Flash bank 1 static consumption in normal mode
(PD1 = 1 versus PD1 = 0)
45.0
45.0
50.0
50.0
100.0
60.0
100.0 100.0
100.0
150.0
µA
IDD
(Flash_Bank2)
(2)
Flash bank 2 static consumption in normal mode
(PD2 = 1 versus PD2 = 0)
45.0
45.0
50.0
50.0
100.0
60.0
100.0 100.0
100.0
150.0
IDD
(Flash_Bank_LPM)
(3)
One flash bank additional static consumption in
normal mode versus low-power mode
(LPM = 0 versus LPM = 1)
25.0
25.0
25.0
25.0
50.0
40.0
40.0
40.0
40.0
70.0
1. Evaluated by characterization. Not tested in production.
2. When one bank is in power-down, this consumption is saved. When the flash memory is in power down in Sleep mode (SLEEP_PD =1 ), Bank 1 and Bank 2 are in
power down.
3. If no bank is in power-down, the flash memory additional static consumption in normal mode versus low-power mode is 2 x IDD(Flash_Bank_LPM).
Table 49. Current consumption in Stop 0 mode on LDO
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 0)
Supply current in Stop 0 mode,
regulator in Range 4,
RTC disabled,
8-Kbyte SRAM2 + ICACHE
retained
1.8
74.5
165
435
845
1600
230
500
1400
2600
4800
µA
2.4
74.5
165
435
845
1600
230
500
1400
2600
4800
3.0
74.5
165
440
845
1600
230
500
1400
2600
4800
3.3
75.0
165
440
850
1600
230
500
1400
2600
4800
3.6
76.0
170
440
850
1650
230
510
1400
2600
5000
Supply current in Stop 0 mode,
regulator in Range 4,
RTC disabled,
All SRAMs retained
1.8
79.0
175
465
905
1750
240
530
1400
2800
5300
2.4
79.0
175
465
910
1750
240
530
1400
2800
5300
3.0
79.0
175
465
910
1750
240
530
1400
2800
5300
3.3
79.5
175
465
910
1750
240
530
1400
2800
5300
3.6
80.5
180
470
915
1750
250
540
1500
2800
5300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com