Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 165 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 165 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 161Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 162Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 163Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 164Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 165Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 166Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 167Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 168Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 283 page
background image
IDD(Stop 3
with RTC)
Supply current in Stop 3 mode,
RTC(2) clocked by LSI 32 kHz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
4.25
12.5
38.5
84
175
13.0
38.0
120.0
250.0
520.0
µA
2.4
4.55
12.0
39.0
84
180
14.0
36.0
120.0
250.0
530.0
3.0
4.90
12.5
40.0
86
180
15.0
38.0
120.0
260.0
530.0
3.3
5.10
13.0
41.0
87
185
16.0
39.0
130.0
260.0
550.0
3.6
6.20
15.0
43.0
90
190
19.0
44.0
130.0
270.0
560.0
Supply current in Stop 3 mode,
RTC(2) clocked by LSI 250 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
3.90
12.5
38.5
83
175
12.0
38.0
120.0
250.0
520.0
2.4
4.40
12.0
39.0
84
180
14.0
36.0
120.0
250.0
530.0
3.0
4.75
12.5
40.0
86
180
15.0
38.0
120.0
260.0
530.0
3.3
4.75
12.5
41.0
87
185
14.0
37.0
130.0
260.0
550.0
3.6
5.85
14.5
42.5
90
190
17.0
43.0
130.0
270.0
560.0
Supply current in Stop 3 mode,
RTC(2) clocked by LSE
bypassed at 32768 Hz,
8-Kbyte SRAM2 + ICACHE
retained
1.8
4.30
12.5
38.0
82
175
13.0
38.0
120.0
250.0
520.0
2.4
4.50
12.0
39.0
84
175
14.0
36.0
120.0
250.0
520.0
3.0
5.00
12.5
39.5
85
180
15.0
38.0
120.0
250.0
530.0
3.3
5.10
12.5
40.5
86
180
16.0
37.0
120.0
260.0
530.0
3.6
6.05
15.5
42.5
89
185
18.0
46.0
130.0
270.0
540.0
Supply current in Stop 3 mode,
RTC(2) clocked by LSE quartz in
low-drive mode,
8-Kbyte SRAM2 + ICACHE
retained
1.8
4.20
13.0
39.0
84
175
-
-
-
-
-
2.4
4.65
12.5
39.5
85
180
-
-
-
-
-
3.0
5.10
12.5
40.5
86
180
-
-
-
-
-
3.3
5.10
13.0
41.0
88
185
-
-
-
-
-
3.6
6.25
15.0
43.0
90
190
-
-
-
-
-
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but RTC_CALR.LPCAL = 1.
Table 61. Current consumption in Stop 3 mode on LDO (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
VDD (V)
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com