Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 170Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 171Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 172Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 173Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 174Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 175Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 176Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 177Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 283 page
background image
IDD(SRAM2)
Supply current to be
added in Standby mode
when full SRAM2 and
BKPSRAM are retained
SMPS
1.8
0.85
2.12
6.70
14.46 29.30
2.60
6.40
21.00 44.00
88.00
µA
2.4
0.77
1.89
5.80
12.53 26.00
2.40
5.70
18.00 38.00
78.00
3.0
0.65
1.58
4.89
10.51 21.90
2.00
4.80
15.00 32.00
66.00
3.3
0.62
1.45
4.48
9.70
20.20
1.90
4.40
14.00 30.00
61.00
3.6
0.57
1.31
3.99
8.90
18.70
1.80
4.00
12.00 27.00
57.00
IDD(SRAM2_8K)
Supply current to be
added in Standby mode
when SRAM2 8-Kbyte
page 1 and BKPSRAM
are retained
1.8
0.29
0.63
1.82
3.86
7.80
0.86
1.90
5.50
12.00
24.00
2.4
0.29
0.63
1.78
3.73
7.80
0.87
1.90
5.40
12.00
24.00
3.0
0.25
0.51
1.47
3.11
6.50
0.76
1.60
4.50
9.40
20.00
3.3
0.24
0.44
1.28
2.80
5.80
0.72
1.40
3.90
8.40
18.00
3.6
0.22
0.36
0.99
2.30
5.00
0.66
1.10
3.00
6.90
15.00
1. Evaluated by characterization. Not tested in production.
2. RTC with default configuration but RTC_CALR.LPCAL = 1.
3. Current consumption with IWDG enabled is similar.
Table 67. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-VDD (V) 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
Table 68. Current consumption during wake-up from Standby mode
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V)
25°C
QDD(wakeup from Standby)
Electrical charge consumed during wake-up from
Standby mode
Wake-up clock is MSI 4 MHz
3.0
404
nAs
Wake-up clock is MSI 1 MHz
602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com