Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 186 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 186 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 182Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 183Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 184Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 185Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 186Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 187Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 188Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 189Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 283 page
background image
Electrical characteristics
STM32U545xx
186/283
DS14216 Rev 1
Table 74. Low-power mode wake-up timings on SMPS(1)
Mode
Parameter
Conditions
Typ
(3 V,
30 °C)
Max
(3 V)
Unit
twu(Sleep)
Wake-up time from Sleep
to Run mode
SLEEP_PD = 0
14
17
Nb of
CPU
cycles
SLEEP_PD = 1 with MSI = 24 MHz
8.1
8.8
µs
twu(Stop 0)
Wake-up time from
Stop 0 to Run mode
All SRAMs retained
Wake-up in FLASH, range 4,
FLASHFWU = 1 and
SRAM4FWU = 1 in
PWR_CR2
MSI 24 MHz
2.35
2.5
Wake-up in FLASH, range 4,
FLASHFWU = 0 and
SRAM4FWU = 0 in
PWR_CR2
MSI 24 MHz
11.0
12.0
HSI 16 MHz
11.0
12.0
MSI 1 MHz
37.0
39.0
Wake-up in SRAM2, range 4,
FLASHFWU = 0 and
SRAM4FWU = 0 in
PWR_CR2
MSI 24 MHz
4.75
5.0
HSI 16 MHz
6.75
7.4
MSI 1 MHz
34.0
36.0
twu(Stop 1)
Wake-up time from
Stop 1 to Run mode
All SRAMs retained
Wake-up in FLASH,
FLASHFWU = 1 and
SRAM4FWU = 1 in
PWR_CR2
MSI 24 MHz
7.65
8.3
Wake-up in FLASH
FLASHFWU = 0 and
SRAM4FWU = 0 in
PWR_CR2
MSI 24 MHz
16.5
18.0
HSI 16 MHz
16.0
18.0
MSI 1 MHz
42.5
45.0
Wake-up in SRAM2, range 4,
FLASHFWU = 0 and
SRAM4FWU = 0 in
PWR_CR2
MSI 24 MHz
10.0
11.0
HSI 16 MHz
12.0
13.0
MSI 1 MHz
39.5
42.0
twu(Stop 2)
Wake-up time from
Stop 2 to Run mode
All SRAMs retained
Wake-up in FLASH
SRAM4FWU = 1 in
PWR_CR2
MSI 24 MHz
17.5
19.0
Wake-up in FLASH
SRAM4FWU = 0 in
PWR_CR2
MSI 24 MHz
20.5
22.0
HSI 16 MHz
20.0
22.0
MSI 1 MHz
54.0
70.0
Wake-up in SRAM2, range 4,
SRAM4FWU = 0 in
PWR_CR2
MSI 24 MHz
14.0
16.0
HSI 16 MHz
16.0
18.0
MSI 1 MHz
51.5
74.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com