Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 201 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 201 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 197Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 198Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 199Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 200Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 201Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 202Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 203Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 204Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 283 page
background image
DS14216 Rev 1
201/283
STM32U545xx
Electrical characteristics
258
tLOCK(3)(4) PLL lock time
Integer mode
-
25
50
μs
Fractional mode
-
40
65
Jitter
RMS cycle-to-
cycle jitter
Integer mode, VCO = 544 MHz
-
20
-
±ps
Fractional mode, VCO = 544 MHz
-
70
-
RMS period jitter
Integer mode, VCO = 544 MHz
-
35
-
Fractional mode, VCO = 544 MHz
-
45
-
Long-term
jitter(5),
fPLL_IN = 8 MHz
Integer mode, VCO = 544 MHz
-
160
-
Fractional mode, VCO = 544 MHz
-
170
-
IDD(PLL)
PLL power
consumption on
VDD
with LDO
VCO freq = 160 MHz,
1 clock output
Range 1
-
370
-
μA
VCO freq = 160 MHz,
3 clock outputs
Range 1
-
390
-
VCO freq = 200 MHz,
1 clock output
Range 1
-
460
-
Range 2
-
435
-
Range 3
-
410
-
VCO freq = 336 MHz,
1 clock output
Range 1
-
710
-
VCO freq = 544 MHz,
1 clock output
Range 1
-
1100
-
IDD(PLL)
PLL power
consumption on
VDD
with SMPS
VCO freq = 160 MHz,
1 clock output
Range 1, IVCORE(6) = 19.4 mA
-
260
-
VCO freq = 160 MHz,
3 clock outputs
Range 1, IVCORE(6) = 19.4 mA
-
270
-
VCO freq = 200 MHz,
1 clock output
Range 1, IVCORE(6) = 19.4 mA
-
320
-
Range 2, IVCORE(6) = 11.7 mA
-
300
-
Range 3, IVCORE(6) = 5.74 mA
-
290
-
VCO freq = 336 MHz,
1 clock output
Range 1, IVCORE(6) = 19.4 mA
-
470
-
VCO freq = 544 MHz,
1 clock output
Range 1, IVCORE(6) = 19.4 mA
-
730
-
1. Specified by design and not tested in production, unless otherwise specified.
2. PLL1 output Q and PLL2 output Q can be up to 200 MHz only when selected as OCTOSPI clock.
3. Evaluated by characterization. Not tested in production.
4. Lock time is the duration until PLLxRDY flag (2% of final frequency).
5. Measured on 5000 cycles.
6. SMPS efficiency based on CoreMark RUN current on VCORE at max frequency of each voltage range.
Table 86. PLL characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com