Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U545NET6QTR Datasheet(PDF) 230 Page - STMicroelectronics

Part # STM32U545NET6QTR
Description  Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
PDF  283 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U545NET6QTR Datasheet(HTML) 230 Page - STMicroelectronics

Back Button STM32U545NET6QTR Datasheet HTML 226Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 227Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 228Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 229Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 230Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 231Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 232Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 233Page - STMicroelectronics STM32U545NET6QTR Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 283 page
background image
Electrical characteristics
STM32U545xx
230/283
DS14216 Rev 1
PSRR
DC VDDA supply rejection
ratio
Normal mode DAC output buffer
ON
CL ≤ 50 pF, RL = 5 kΩ
--80
-28
dB
tSAMP
Sampling time in sample
and hold mode,
CSH = 100 nF
(code transition between
the lowest input code and
the highest input code
when DACOUT reaches
the final value ±1 LSB)
DAC_OUT
pin
connected
DAC output buffer
ON, CSH = 100 nF
-0.7
1.9
ms
DAC output buffer
OFF, CSH =
100 nF
-10.5
15
DAC_OUT
pin not
connected
(internal
connection
only)
DAC output buffer
OFF
-2
8
µs
Ileak
Output leakage current
-
-
-
(3)
nA
CIint
Internal sample and hold
capacitor
-7
9.2
11
pF
tTRIM
Middle code offset trim time DAC output buffer ON
50
-
-
µs
Voffset
Middle code offset for
1 trim code step
VREF+ = 3.6 V
-
1520
-
µV
VREF+ = 1.6 V
-
680
-
IDDA(DAC)
DAC consumption
from VDDA
DAC output
buffer ON
No load, middle
code (0x800)
-
330
510
µA
No load, worst
code (0xF1C)
-
470
680
DAC output
buffer OFF
No load,
middle/worst code
(0x800)
--
0.3
Sample and hold mode,
CSH = 100 nF
-
330 × TON
/(TON +
TOFF)
(4)
680 × TON
/(TON +
TOFF)
(4)
Table 113. DAC characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com