Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM330LHBTR Datasheet(PDF) 107 Page - STMicroelectronics

Part # ASM330LHBTR
Description  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 103Page - STMicroelectronics ASM330LHBTR Datasheet HTML 104Page - STMicroelectronics ASM330LHBTR Datasheet HTML 105Page - STMicroelectronics ASM330LHBTR Datasheet HTML 106Page - STMicroelectronics ASM330LHBTR Datasheet HTML 107Page - STMicroelectronics ASM330LHBTR Datasheet HTML 108Page - STMicroelectronics ASM330LHBTR Datasheet HTML 109Page - STMicroelectronics ASM330LHBTR Datasheet HTML 110Page - STMicroelectronics ASM330LHBTR Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 131 page
background image
11.37
FSM_OUTS16 (5Bh)
FSM16 output register (R)
Table 223. FSM_OUTS16 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 224. FSM_OUTS16 register description
P_X
FSM16 output: positive event detected on the X-axis.
(0: event not detected; 1: event detected)
N_X
FSM16 output: negative event detected on the X-axis.
(0: event not detected; 1: event detected)
P_Y
FSM16 output: positive event detected on the Y-axis.
(0: event not detected; 1: event detected)
N_Y
FSM16 output: negative event detected on the Y-axis.
(0: event not detected; 1: event detected)
P_Z
FSM16 output: positive event detected on the Z-axis.
(0: event not detected; 1: event detected)
N_Z
FSM16 output: negative event detected on the Z-axis.
(0: event not detected; 1: event detected)
P_V
FSM16 output: positive event detected on the vector.
(0: event not detected; 1: event detected)
N_V
FSM16 output: negative event detected on the vector.
(0: event not detected; 1: event detected)
11.38
EMB_FUNC_ODR_CFG_B (5Fh)
Finite state machine output data rate configuration register (R/W)
Table 225. EMB_FUNC_ODR_CFG_B register
0(1)
1(2)
0(1)
FSM_ODR1
FSM_ODR0
0(1)
1(2)
1(2)
1. This bit must be set to 0 for the correct operation of the device.
2. This bit must be set to 1 for the correct operation of the device
Table 226. EMB_FUNC_ODR_CFG_B register description
FSM_ODR[1:0]
Finite state machine ODR configuration:
(00: 12.5 Hz;
01: 26 Hz (default);
10: 52 Hz;
11: 104 Hz)
ASM330LHB
FSM_OUTS16 (5Bh)
DS13773 - Rev 7
page 107/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com