Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST72361
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 103Page - STMicroelectronics ST72361 Datasheet HTML 104Page - STMicroelectronics ST72361 Datasheet HTML 105Page - STMicroelectronics ST72361 Datasheet HTML 106Page - STMicroelectronics ST72361 Datasheet HTML 107Page - STMicroelectronics ST72361 Datasheet HTML 108Page - STMicroelectronics ST72361 Datasheet HTML 109Page - STMicroelectronics ST72361 Datasheet HTML 110Page - STMicroelectronics ST72361 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 224 page
background image
ST72361
107/224
8-BIT TIMER (Cont’d)
INPUT CAPTURE 1 REGISTER (IC1R)
Read Only
Reset Value: Undefined
This is an 8-bit read only register that contains the
counter value (transferred by the input capture 1
event).
OUTPUT COMPARE 1 REGISTER (OC1R)
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the value to
be compared to the CTR register.
OUTPUT COMPARE 2 REGISTER (OC2R)
Read/Write
Reset Value: 0000 0000 (00h)
This is an 8-bit register that contains the value to
be compared to the CTR register.
COUNTER REGISTER (CTR)
Read Only
Reset Value: 1111 1100 (FCh)
This is an 8-bit register that contains the counter
value. A write to this register resets the counter.
An access to this register after accessing the CSR
register clears the TOF bit.
ALTERNATE COUNTER REGISTER (ACTR)
Read Only
Reset Value: 1111 1100 (FCh)
This is an 8-bit register that contains the counter
value. A write to this register resets the counter.
An access to this register after an access to CSR
register does not clear the TOF bit in the CSR reg-
ister.
INPUT CAPTURE 2 REGISTER (IC2R)
Read Only
Reset Value: Undefined
This is an 8-bit read only register that contains the
counter value (transferred by the Input Capture 2
event).
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com