Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1-12DP Datasheet(PDF) 4 Page - RAYEX ELECTRONICS CO., LTD

Part # LB1-12DP
Description  LB SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LB1-12DP Datasheet(HTML) 4 Page - RAYEX ELECTRONICS CO., LTD

  LB1-12DP Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LB1-12DP Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
4
5
6
7
8
3
1
2
4
6
7
8
3
1
2
WIRING DIAGRAM
LB1
LB2
LB2H
LB4H
8
9
12
13
14
5
1
4
13
14
10
6
2
9
5
1
11
7
3
12
8
4
TERMINAL TYPE(±0.2mm)
SOLDER LUG/PLUG-IN
PRINTED CIRCUIT
2
5
4.8
Ø3.0
1.2
2.5
Insulation Resistance
Dielectric Strength
Contact Material
Contact Resistance
Shock Resistance
Vibration Resistance
Operation Time
Release Time
Temperature Range
Expected Life
Weight
1,500 MW Min. (DC 500V)
750 VAC, 50/60Hz between contact.
1,500 VAC, 50/60Hz between all elements.
100 milliohms max. ( initial value )
Malfunction: 10G(11ms) ; Destructive: 100G(6ms)
Malfunction: 10 to 55 Hz. at Double Amplitude of 1.5 mm
Destructive: 10 to 55 Hz. at Double Amplitude of 1.5 mm
15 ms max.
15 ms max.
o
o
- 40 C ~ + 60 C
With operation rate 30/min.
Mechanical - 10,000,000 operations min.
Electrical - 100,000 operations min. at rated load.
37 grams
GENERAL DATA
Agcdo Alloy.
LB1,LB2
LB2H,LB4H
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com